Electronic Components Datasheet Search
  English  ▼

X  

REC20-Z Datasheet(PDF) 3 Page - Recom International Power

Part # REC20-Z
Description  External ON/OFF control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC20-Z Datasheet(HTML) 3 Page - Recom International Power

  REC20-Z Datasheet HTML 1Page - Recom International Power REC20-Z Datasheet HTML 2Page - Recom International Power REC20-Z Datasheet HTML 3Page - Recom International Power REC20-Z Datasheet HTML 4Page - Recom International Power REC20-Z Datasheet HTML 5Page - Recom International Power REC20-Z Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
REC20-Z
Series
REGULATIONS
Parameter
Condition
Type
Values
Output Voltage Accuracy
±1% max.
Line Voltage Regulation
low line to high line, full load
±0.2% max.
Load Voltage Regulation
0% to 100% load
single output
dual output
±0.5% max.
±1% max.
Cross Regulation
25% to 100% load
dual output
±5% max.
Transient Response Recovery Time
25% load step change
250µS typ.
ECO-3
REV.: 2/2017
www.recom-power.com
Deviation vs. Load
Efficiency vs. Load
Output Current [A]
0
65
75
70
85
80
90
95
100
1
2
3
4
6
5
18V
24V
48V
75V
18V
24V
48V
75V
Output Current [A]
0
65
75
70
85
80
90
95
100
1
2
3
4
6
5
REC20-485.1SZ
REC20-485.1SZ
REC20-4815SZ
REC20-2415SZ
18V
36V
54V
75V
Output Current [A]
0
0.02
0
0.10
0.08
0.06
0.04
0.14
0.12
0.20
0.18
0.16
1
2
2
3
4
6
5
5
9V
18V
30V
36V
Output Current [A]
0
-0.20
-0.16
-0.18
-0.12
-0.14
-0.10
-0.08
0.13 0.27 0.40 0.54 0.67 0.80
1.34
0.94 1.07 1.21



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com