Electronic Components Datasheet Search
  English  ▼

X  

REC20-Z Datasheet(PDF) 4 Page - Recom International Power

Part # REC20-Z
Description  External ON/OFF control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC20-Z Datasheet(HTML) 4 Page - Recom International Power

  REC20-Z Datasheet HTML 1Page - Recom International Power REC20-Z Datasheet HTML 2Page - Recom International Power REC20-Z Datasheet HTML 3Page - Recom International Power REC20-Z Datasheet HTML 4Page - Recom International Power REC20-Z Datasheet HTML 5Page - Recom International Power REC20-Z Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating
-40°C to +100°C
Maximum Case Temperature
+105°C
Temperatur Coefficient
0.02%/°C typ.
Thermal Impedance
natural convection
12°C/W
Operating Altitude
5000m
Operating Humidity
non-condensing
5% - 95% RH max.
Vibration
MIL-STD-202G
MTBF
according to MIL-HDBK-217F, 25°C, referring to REC20-485.1SZ
1098 x 10³ hours
REC20-Z
Series
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
DC/DC Converter
ECO-4
REV.: 2/2017
www.recom-power.com
Notes:
Note2: For more details, please contact our technical support service at techsupportAT@recom-power.com
100
80
60
40
20
0
-40
0
60
40
20
-20
100
120
80
Ambient Temperature [°C]
Safe Operating Area
100
80
60
40
20
0
-40
0
60
40
20
-20
100
85
120
80
Ambient Temperature [°C]
Safe Operating Area
Derating Graph
@ nominal input voltage, full load and natural convection (20LFM)
REC20-485.1SZ
REC20-2415SZ
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zerner Diode Clamp
3.4Vout
5.1Vout
12Vout
15Vout
4.5VDC typ.
7VDC typ.
16VDC typ.
20VDC typ.
Over Load Protection (OLP)
180% typ.
Isolation Voltage
I/P to O/P
1.6kVDC / 1 minute
Isolation Capacitance
1200pF typ.
Isolation Resistance
1G
Ω min.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com