Electronic Components Datasheet Search
  English  ▼

X  

REC30-Z Datasheet(PDF) 1 Page - Recom International Power

Part # REC30-Z
Description  External ON/OFF control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC30-Z Datasheet(HTML) 1 Page - Recom International Power

  REC30-Z Datasheet HTML 1Page - Recom International Power REC30-Z Datasheet HTML 2Page - Recom International Power REC30-Z Datasheet HTML 3Page - Recom International Power REC30-Z Datasheet HTML 4Page - Recom International Power REC30-Z Datasheet HTML 5Page - Recom International Power REC30-Z Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ECO-1
REV.: 2/2017
www.recom-power.com
30 Watt
2“ x 1.6“
Single and Dual
Output
DC/DC Converter
Features
Regulated
Converters
• 6-Side Shielding
• External ON/OFF control
• 1.6kVDC Isolation
• UL/CSA/EN-60950-1 Certified
• 4:1 Input Voltage Range
• Continuous Short Circuit Protection
• Efficiency up to 89.5%
• Fixed Switching Frequency
REC30-Z
IEC/EN60950-1 Certified
UL60950 Certified
CSA C22.2 NO. 60950 Certified
EN55022 Certified
Description
The REC30-xxxxS_DZ -series offer single and dual regulated outputs in a 2”x1.6” package with 1.6kVDC
isolation and are suitable for higher power industrial applications. Remote on/off control is standard.
The higher current outputs have raised output voltages to compensate for track losses as standard.
The converter is fully certified to UL/EN/IEC safety standards.
Selection Guide
Part
Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage Range
Voltage
Current
typ.
Load (1)
[VDC]
[VDC]
[mA]
[%]
[µF]
REC30-243.4SZ
9-36
3.4
6000
86.5
10000
REC30-245.1SZ
9-36
5.1
6000
87.5
6800
REC30-2412SZ
9-36
12
2500
88.5
1800
REC30-2415SZ
9-36
15
2000
89
1000
REC30-2412DZ
9-36
±12
±1250
88.5
±800
REC30-2415DZ
9-36
±15
±1000
89
±500
REC30-483.4SZ
18-75
3.4
6000
87
10000
REC30-485.1SZ
18-75
5.1
6000
88
6800
REC30-4812SZ
18-75
12
2500
89
1800
REC30-4815SZ
18-75
15
2000
89.5
1000
REC30-4812DZ
18-75
±12
±1250
88
±800
REC30-4815DZ
18-75
±15
±1000
88.5
±500
3 YEAR
warranty
3
Model Numbering
Single or Dual
nom. Input Voltage
Output Voltage
REC30-__ __ _Z
Notes:
Note1: Max. capacitive load is tested at nominal input voltage and full load.
E224736
Ordering Examples:
REC30-4812SZ, Single Output, 18-75Vin (4:1) and 12Vout
REC30-2412DZ, Dual Output, 9-36Vin (4:1) and ±12Vout


Similar Part No. - REC30-Z

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC30-1205DRWB RECOM-REC30-1205DRWB Datasheet
106Kb / 4P
30 Watt 2 inch x 2 inch Single & Dual Output
REC30-1205SRWB RECOM-REC30-1205SRWB Datasheet
106Kb / 4P
30 Watt 2 inch x 2 inch Single & Dual Output
REC30-1212D RECOM-REC30-1212D Datasheet
380Kb / 7P
30 Watt Single and Dual Output
REC30-1212D RECOM-REC30-1212D Datasheet
384Kb / 6P
Continuous Short Circuit Protection
REC30-1212DRWB RECOM-REC30-1212DRWB Datasheet
106Kb / 4P
30 Watt 2 inch x 2 inch Single & Dual Output
More results

Similar Description - REC30-Z

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Torex Semiconductor
XC6204 TOREX-XC6204_1 Datasheet
3Mb / 47P
High Sprred LDO Regulators Output ON-OFF Control
logo
New Japan Radio
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Torex Semiconductor
XC6901 TOREX-XC6901 Datasheet
510Kb / 28P
200mA Negative Voltage Regulator with ON/OFF Control
logo
SynQor Worldwide Headqu...
BQ55120QEX50 SYNQOR-BQ55120QEX50 Datasheet
1Mb / 14P
On/Off control referenced to input side
logo
Recom International Pow...
REC20-Z RECOM-REC20-Z Datasheet
335Kb / 6P
External ON/OFF control
logo
TOKO, Inc
TK15402 TOKO-TK15402 Datasheet
63Kb / 8P
Active High ON/OFF Control
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
High Speed LDO Regulator with ON/OFF Control
logo
Maxim Integrated Produc...
MAX8989EVKIT MAXIM-MAX8989EVKIT Datasheet
812Kb / 6P
Simple Logic On/Off Control
Rev 0; 1/11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com