Electronic Components Datasheet Search
  English  ▼

X  

REC30-Z Datasheet(PDF) 4 Page - Recom International Power

Part # REC30-Z
Description  External ON/OFF control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC30-Z Datasheet(HTML) 4 Page - Recom International Power

  REC30-Z Datasheet HTML 1Page - Recom International Power REC30-Z Datasheet HTML 2Page - Recom International Power REC30-Z Datasheet HTML 3Page - Recom International Power REC30-Z Datasheet HTML 4Page - Recom International Power REC30-Z Datasheet HTML 5Page - Recom International Power REC30-Z Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
REC30-Z
Series
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
DC/DC Converter
ECO-4
REV.: 2/2017
www.recom-power.com
Notes:
Note3: For more details, please contact our technical support service at TechsupportAT@recom-power.com
100
80
60
50
40
20
0
-40
0
60
40
20
-20
100
75
120
80
Ambient Temperature [°C]
Safe Operating Area
100
80
60
50
40
20
0
-40
0
60
40
20
-20
100
70
95
120
80
Ambient Temperature [°C]
Safe Operating Area
Derating Graph
@ nominal input voltage, full load and natural convection (20LFM)
REC30-485.1SZ
REC30-2415DZ
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating
-40°C to +85°C
Maximum Case Temperature
+105°C
Temperatur Coefficient
±0.05%/°C
Thermal Impedance
natural convection
8°C/W
Operating Altitude
5000m
Operating Humidity
non-condensing
5% - 95% RH max.
Vibration
MIL-STD-202G
MTBF
according to MIL-HDBK-217F, 25°C, referring to REC30-2415DZ
1541 x 103 hours
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zener Diode Clamp
3.4Vout
5.1Vout
12Vout
15Vout
4VDC typ.
6.2VDC typ.
15VDC typ.
18VDC typ.
Over Load Protection (OLP)
180% typ.
Isolation Voltage
I/P to O/P
1.6kVDC / 1 minute
Isolation Capacitance
3900pF typ.
Isolation Resistance
1G
Ω min.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com