Electronic Components Datasheet Search
  English  ▼

X  

WM8776EFT Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8776EFT
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776EFT Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8776EFT Datasheet HTML 42Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 43Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 44Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 45Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 46Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 47Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 48Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 49Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
WM8776
Product Preview
w
PP Rev 1.91 June 2004
46
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
LRBOTH
0
Right channel input PGA controlled by left channel register
0 : Right channel uses RAG and MUTERA.
1 : Right channel uses LAG and MUTELA.
R22 (16h)
0010110
Output Mux
2:0
MX[2:0]
001
VOUT Output select (Analogue ByPass Enable / Disable)
001: DAC
010: AUX
100: BYPASS
R23 (17h)
0010111
Software
Reset
[8:0]
RESET
Not reset
Writing to this register will apply a reset to the device registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com