Electronic Components Datasheet Search
  English  ▼

X  

WM8776EFT Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8776EFT
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776EFT Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8776EFT Datasheet HTML 14Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 15Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 16Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 17Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 18Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 19Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 20Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 21Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
WM8776
Product Preview
w
PP Rev 1.91 June 2004
18
AUDIO INTERFACE FORMATS
Audio data is applied to the internal DAC filters or output from the ADC filters, via the Digital
Audio Interface. 5 popular interface formats are supported:
•
Left Justified mode
•
Right Justified mode
•
I
2S mode
•
DSP Early mode
•
DSP Late mode
All 5 formats send the MSB first and support word lengths of 16, 20, 24 and 32 bits, with the
exception of 32 bit right justified mode, which is not supported.
In left justified, right justified and I
2S modes, the digital audio interface receives DAC data on
the DIN input and outputs ADC data on DOUT. Audio Data for each stereo channel is time
multiplexed with ADCLRC/DACLRC indicating whether the left or right channel is present.
ADCLRC/DACLRC is also used as a timing reference to indicate the beginning or end of the
data words.
In left justified, right justified and I
2S modes; the minimum number of BCLKs per
DACLRC/ADCLRC period is 2 times the selected word length. ADCLRC/DACLRC must be
high for a minimum of word length BCLKs and low for a minimum of word length BCLKs. Any
mark to space ratio on ADCLRC/DACLRC is acceptable provided the above requirements
are met.
In DSP early or DSP late mode, DACLRC is used as a frame sync signal to identify the MSB
of the first word. The minimum number of DACBCLKs per DACLRC period is 2 times the
selected word length. Any mark to space ratio is acceptable on DACLRC provided the rising
edge is correctly positioned. The ADC data may also be output in DSP early or late modes,
with ADCLRC used as a frame sync to identify the MSB of the first word. The minimum
number of ADCBCLKs per ADCLRC period is 2 times the selected word length.
LEFT JUSTIFIED MODE
In left justified mode, the MSB of DIN is sampled by the WM8776 on the first rising edge of
DACBCLK following a DACLRC transition. The MSB of the ADC data is output on DOUT and
changes on the same falling edge of ADCBCLK as ADCLRC and may be sampled on the
rising edge of ADCBCLK. ADCLRC and DACLRC are high during the left samples and low
during the right samples (Figure 12).
LEFT CHANNEL
RIGHT CHANNEL
DACLRC/
ADCLRC
DACBCLK/
ADCBCLK
DIN/
DOUT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Figure 12 Left Justified Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com