Electronic Components Datasheet Search
  English  ▼

X  

XC6402 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6402
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6402 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6402 Datasheet HTML 2Page - Torex Semiconductor XC6402 Datasheet HTML 3Page - Torex Semiconductor XC6402 Datasheet HTML 4Page - Torex Semiconductor XC6402 Datasheet HTML 5Page - Torex Semiconductor XC6402 Datasheet HTML 6Page - Torex Semiconductor XC6402 Datasheet HTML 7Page - Torex Semiconductor XC6402 Datasheet HTML 8Page - Torex Semiconductor XC6402 Datasheet HTML 9Page - Torex Semiconductor XC6402 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
XC6402 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! ABSOLUTE MAXIMUM RATINGS
Ta=25
OC
! ELECTRICAL CHARACTERISTICS
XC6402C Series
Ta=25
OC
1
-35
70
-35
70
1
3
1
1
2
2
1
-
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
6.5
V
VR Output Current
IROUT
800
mA
VR Output Voltage
VROUT
VSS -0.3 ~ VIN +0.3
V
VD Output Current
IDOUT
50
mA
VD Output Voltage
VDOUT
VSS -0.3 ~ 6.5
V
VEN / Cd Pin Voltage
VEN / Cd
VSS -0.3 ~ VIN + 0.3
V
Continuous
Power Dissipation
SOT-25
Pd
250
mW
SOT-89-5
500
USP-6B
100
Operating Temperature Range
Topr
- 40 ~ + 85
OC
Storage Temperature Range
Tstg
- 55 ~ + 125
OC
UNITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
(-30mV)
(+30mV)
700
x 0.98
x 1.02
VROUT(T)
--
mA
--
mA
mV
1
1
500
VR Load Regulation
∆VROUT
-
Supply Current
(CA/CB/CC/CD type)
IDD
Vdif2
E-2 (page 8 ~9)
15
60
VR Dropout Voltage (note 4)
Supply Current
(CL/CM/CN/CP type)
IDD
VEN=VROUT(T)+1.0V, VIN=VSS,
IROUT=0mA
IROUT=30mA
IROUT=100mA
VEN=VIN=VROUT(T)+1.0V,
IROUT=0mA
Vdif1
E-1 (page 8 ~9)
VR Line Regulation
∆VROUT
-
∆VIN ⋅ VROUT
E-3 (page 8 ~9)
VEN=VIN=VROUT(T)+1.0V,
IROUT=0mA
E-3 (page 8 ~9)
-
6.0
V
0.01
0.20
% / V
Input Voltage
VIN
1.5
∆VROUT
-
∆Topr ⋅ VROUT
IROUT=30mA
-40
OC<Topr<85OC
±100
-
ppm /
OC
VR Ripple Rejection Rate
PSRR
-
VIN=[VROUT(T)+1.0]VDC+0.5Vp-pAC
-dB
VR Output Voltage
Temperature Characteristics
60
800
IROUT=30mA, f=1kHz
VIN=VROUT(T)+1.0V
VEN=ON(VIN or VSS)
When VROUT(T) > 4.75V
! VIN=5.75V+0.5Vp-pAC
-mA
VR Current Limiter
[VROUT(E)<1.6V]
IRlim
-
-
mA
VR Current Limiter
[VROUT(E)>1.6V]
IRlim
700
-
VIN=VROUT(T)+1.0V
VEN=ON(VIN or VSS)
VIN=VROUT(T)+1.0V
VEN=ON(VIN or VSS)
800
30
-
mA
V
VROUT(E)
1mA<IROUT<100mA
VR Output Voltage (note 2, 3)
VIN=VROUT(T)+1.0V, IROUT=30mA
VIN=VROUT(T)+1.0V
VEN=ON(VIN or VSS)
VIN=VROUT(T)+1.0V
VEN=ON(VIN or VSS)
VR Maximum Output Current
[VROUT(E)<1.6V]
IROUTMAX
VR Maximum Output Current
[VROUT(E)>1.6V]
IROUTMAX
1
2
2
µA
mV
µA
µA
µA
VEN=ON(VIN or VSS), IROUT=30mA
VROUT(T)+1.0V<VIN<6.0V
VEN=VROUT(T)+1.0V, VIN=VSS,
IROUT=0mA
Supply Current
(CR/CS/CT/CU type)
IDD
Supply Current
(CE/CF/CH/CK type)
IDD
Short-Circuit Current
IRshort
CIRCUIT
1
1
Semiconductor Ltd.
Data Sheet
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com