Electronic Components Datasheet Search
  English  ▼

X  

XC6402 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6402
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6402 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6402 Datasheet HTML 3Page - Torex Semiconductor XC6402 Datasheet HTML 4Page - Torex Semiconductor XC6402 Datasheet HTML 5Page - Torex Semiconductor XC6402 Datasheet HTML 6Page - Torex Semiconductor XC6402 Datasheet HTML 7Page - Torex Semiconductor XC6402 Datasheet HTML 8Page - Torex Semiconductor XC6402 Datasheet HTML 9Page - Torex Semiconductor XC6402 Datasheet HTML 10Page - Torex Semiconductor XC6402 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
XC6402 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! ELECTRICAL CHARACTERISTICS (Continued)
XC6402C Series
Ta=25
OC
(NOTE 1) Unless otherwise stated, VIN=VROUT(T)+1.0V
(NOTE 2) VROUT(T)=Specified VR Output Voltage
(NOTE 4) Vdif={VIN1
(NOTE6)-VROUT1(NOTE5)}
(NOTE 5) A voltage equal to 98% of the VR Output Voltage whenever a stabilized VROUT1=IROUT{VROUT(T)+1.0V} is input.
(NOTE 6) VIN1=The Input Voltage when VOUT1, which appears as Input Voltage is gradually decreased.
(NOTE 7) VDF (T) : Specified Detect Voltage value
(NOTE 8) VDF (E) : Actual Detect Voltage value.
(NOTE 9) VD Output Current value of Detect 'L' type equal to current value during detection
and that of Detect 'H' type equal to current value before detection.
(NOTE10) VROUT(T)<1.45V, VDF(T)<1.45V
! MIN : VROUT(T) -30mV, VDF(T) -30mV,
! MAX : VROUT(T) +30mV, VDF(T) +30mV
(NOTE11) EN conditions:
XC6402CA / CB / CC / CD / CE / CF / CH / CK type : ON=VIN, OFF=VSS
XC6402CL / CM / CN / CP / CR / CS / CT / CU type : ON=VSS, OFF=VIN
(NOTE12) VD detect voltage : For VIN Sense version, XC6402CA / CB / CE /CF / CL / CM / CR / CS, only VDF(T)>1.5V type are available.
1
1
1
1
5
4
1
1
CIRCUIT
4
4
2
x 1.02
VD Output Current
(note 9)
IDOUT
VD Detect Voltage (note 7, 8)
VDF (E)
V
x 0.02
VD Hysteresis Range (note 7)
VHYS
VDF (E)
VDF (E)
x 0.05
-
5.5
14.5
-
5.0
14.0
-
6.0
15.0
-
6.5
15.5
7.0
16.0
-
7.5
17.0
-
3.5
-
1.8
3.7
-
∆Topr ⋅ VDF
2.0
4.0
-
∆VDF /
-
VIN = 2.0V
1.8
ppm /
OC
±100
-
VIN = 6.0V
mA
1.9
3.8
PARAMETER
SYMBOL
UNITS
(+30mV)
V
CONDITIONS
MIN
TYP
MAX
x 0.08
VDF (E)
(-30mV)
VDF (T)
x 0.98
IDDVD
VD Supply Current
VIN = 2.0V
VIN = 3.0V
VIN = 4.0V
VIN = 5.0V
VIN = 6.0V
VEN = OFF (VIN or VSS)
VIN = 1.5V
µA
VDOUT = 0.5V
VIN = 1.5V
1.5
3.0
-
VIN = 3.0V
VIN = 4.0V
VIN = 5.0V
VIN
-
1.9
3.9
-
V
-40
OC<Topr<85OC
EN "High" Level Voltage
VEN H
1.60
VD Detect Voltage
Temperature Characteristics
-
EN "High" Level Current
(CA/CB/CC/CD type)
IEN H
-0.10
-
EN "Low" Level Voltage
VEN L
-
VEN=VIN=VROUT(T)+1.0V
E-4
(page 8~9)
-
µA
0.25
V
EN "High" Level Current
(CE/CF/CH/CK/CL/CM/CN/
CP/CR/CS/CT/CU type)
IEN H
-0.10
EN "High" Level Current
(CL/CM/CN/CP type)
IEN L
VIN=VROUT(T)+1.0V, VEN=VSS
E-5
(page 8~9)
(NOTE 3) VROUT(E)=Actual VR Output Voltage.
(i.e. the VR output voltage when "VROUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IROUT value).
-
0.10
µA
EN "High" Level Current
(CA/CB/CC/CD/CE/CF/CH/
CK/CR/CS/CT/CU type)
IEN L
VIN=VROUT(T)+1.0V, VEN=VSS
-0.10
µA
-
0.10
µA
-
0.10
Semiconductor Ltd.
Data Sheet
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com