Electronic Components Datasheet Search
  English  ▼

X  

X1288 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X1288
Description  2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1288 Datasheet(HTML) 2 Page - Xicor Inc.

  X1288 Datasheet HTML 1Page - Xicor Inc. X1288 Datasheet HTML 2Page - Xicor Inc. X1288 Datasheet HTML 3Page - Xicor Inc. X1288 Datasheet HTML 4Page - Xicor Inc. X1288 Datasheet HTML 5Page - Xicor Inc. X1288 Datasheet HTML 6Page - Xicor Inc. X1288 Datasheet HTML 7Page - Xicor Inc. X1288 Datasheet HTML 8Page - Xicor Inc. X1288 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2 of 31
REV 1.1.30 3/24/04
www.xicor.com
Preliminary Information
X1288
PIN DESCRIPTIONS
ORDERING INFORMATION
VCC Range
VTRIP Range
Package
Operating
Temperature Range
Part Number
4.5–5.5V
4.63V±112mV
16L SOIC
0–70°C
X1288S16-4.5A
-40–85°C
X1288S16I-4.5A
14L TSSOP
0–70°C
X1288V14-4.5A
-40–85°C
X1288V14I-4.5A
4.5–5.5V
4.38V±112mV
16L SOIC
0–70°C
X1288S16
-40–85°C
X1288S16I
14L TSSOP
0–70°C
X1288V14
-40–85°C
X1288V14I
2.7–5.5V
2.85V±100mV
16L SOIC
0–70°C
X1288S16-2.7A
-40–85°C
X1288S16I-2.7A
14L TSSOP
0–70°C
X1288V14-2.7A
-40–85°C
X1288V14I-2.7A
2.7–5.5V
2.65V±100mV
16L SOIC
0–70°C
X1288S16-2.7
-40–85°C
X1288S16I-2.7
14L TSSOP
0–70°C
X1288V14-2.7
-40–85°C
X1288V14I-2.7
X1
X2
VBACK
VCC
NC
PHZ/IRQ
NC
VSS
1
2
3
4
13
14
12
11
14-pin TSSOP
NC
NC
SCL
NC
RESET
SDA
5
6
7
9
10
8
16-pin SOIC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
X1
X2
NC
VSS
NC
NC
RESET
NC
VBACK
VCC
PHZ/IRQ
NC
SCL
NC
SDA
NC
NC = No internal connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com