Electronic Components Datasheet Search
  English  ▼

X  

CP10.481 Datasheet(PDF) 11 Page - PULS GmbH

Part # CP10.481
Description  SINGLE PHASE INPUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.481 Datasheet(HTML) 11 Page - PULS GmbH

Back Button CP10.481 Datasheet HTML 7Page - PULS GmbH CP10.481 Datasheet HTML 8Page - PULS GmbH CP10.481 Datasheet HTML 9Page - PULS GmbH CP10.481 Datasheet HTML 10Page - PULS GmbH CP10.481 Datasheet HTML 11Page - PULS GmbH CP10.481 Datasheet HTML 12Page - PULS GmbH CP10.481 Datasheet HTML 13Page - PULS GmbH CP10.481 Datasheet HTML 14Page - PULS GmbH CP10.481 Datasheet HTML 15Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
CP10.481
CP-Series
48V, 5.4A, SINGLE PHASE INPUT
10. LIFETIME EXPECTANCY AND MTBF
AC 100V
AC 120V
AC 230V
Lifetime expectancy*)
141 000h *)
158 000h *)
188 000h *)
at 48V, 2.7A and 40°C
399 000h *)
446 000h *)
531 000h *)
at 48V, 2.7A and 25°C
63 000h
77 000h
120 000h
at 48V, 5.4A and 40°C
178 000h *)
219 000h *)
338 000h *)
at 48V, 5.4A and 25°C
45 000h
57 000h
97 000h
at 48V, 6A and 40°C
126 000h
161 000h *)
275 000h *)
at 48V, 6A and 25°C
MTBF**) SN 29500, IEC 61709
506 000h
523 000h
699 000h
at 48V, 5.4A and 40°C
897 000h
923 000h
1 201 000h
at 48V, 5.4A and 25°C
MTBF**) MIL HDBK 217F
223 000h
224 000h
248 000h
at 48V, 5.4A and 40°C;
Ground Benign GB40
303 000h
303 000h
339 000h
at 48V, 5.4A and 25°C;
Ground Benign GB25
50 000h
51 000h
58 000h
at 48V, 5.4A and 40°C;
Ground Fixed GF40
65 000h
65 000h
74 000h
at 48V, 5.4A and 25°C;
Ground Fixed GF25
*)
The Lifetime expectancy shown in the table indicates the minimum operating hours (service life) and is determined by the lifetime
expectancy of the built-in electrolytic capacitors. Lifetime expectancy is specified in operational hours and is calculated according to the
capacitor’s manufacturer specification. The manufacturer of the electrolytic capacitors only guarantees a maximum life of up to 15 years
(131 400h). Any number exceeding this value is a calculated theoretical lifetime which can be used to compare devices.
**) MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates reliability of a
device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily represent the life of a product.
The MTBF figure is a statistical representation of the likelihood of a device to fail. A MTBF figure of e.g. 1 000 000h means that
statistically one unit will fail every 100 hours if 10 000 units are installed in the field. However, it cannot be determined if the failed unit
has been running for 50 000h or only for 100h.
11. FUNCTIONAL DIAGRAM
Fig. 11-1 Functional diagram
+
+
-
-
Output
Over-
Voltage
PFC
Converter
Protection
Output
Voltage
Regulator
Power
Converter
Output
Filter
Output
Voltage
11/27
Monitor
Output
Power
Manager
Temper-
ature
Shut-
down
Input Fuse
Input Filter
Input Rectifier
Inrush Current Limiter
V
OUT
L
N
DC-ok
Contact
DC-ok
LED
DC-ok
Relay
-
Feb. 2016 / Rev. 1.1 DS-CP10.481-EN
All parameters are specified at 48V, 5.4A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com