Electronic Components Datasheet Search
  English  ▼

X  

CP10.481 Datasheet(PDF) 4 Page - PULS GmbH

Part # CP10.481
Description  SINGLE PHASE INPUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.481 Datasheet(HTML) 4 Page - PULS GmbH

  CP10.481 Datasheet HTML 1Page - PULS GmbH CP10.481 Datasheet HTML 2Page - PULS GmbH CP10.481 Datasheet HTML 3Page - PULS GmbH CP10.481 Datasheet HTML 4Page - PULS GmbH CP10.481 Datasheet HTML 5Page - PULS GmbH CP10.481 Datasheet HTML 6Page - PULS GmbH CP10.481 Datasheet HTML 7Page - PULS GmbH CP10.481 Datasheet HTML 8Page - PULS GmbH CP10.481 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
CP10.481
CP-Series
48V, 5.4A, SINGLE PHASE INPUT
3. AC-INPUT
AC input
nom.
AC 100-240V
suitable for TN-, TT- and IT mains networks
AC input range
min.
90-264Vac
continuous operation
min.
85-90Vac
allowed up to +60°C amb. temperature and max. 240W
allowed up to +55°C amb. temperature and max. 259W
allowed up to +45°C amb. temperature and max. 288W
min.
264-300Vac
< 500ms
Allowed voltage L or N to earth
max.
300Vac
continuous, IEC 62103
Input frequency
nom.
50–60Hz
±6%
Turn-on voltage
typ.
80Vac
steady-state value, see Fig. 3-1
typ.
55Vac
dynamic value (250ms)
Shut-down voltage
typ.
70Vac
steady-state value, see Fig. 3-1
External input protection
See recommendations in chapter 23.3.
AC 100V
AC 120V
AC 230V
Input current
typ.
2.82A
2.32A
1.20A
at 48V, 5.4A, see Fig. 3-3
Power factor*)
typ.
0.99
0.99
0.98
at 48V, 5.4A, see Fig. 3-4
Crest factor**)
typ.
1.5
1.5
1.65
at 48V, 5.4A
Start-up delay
typ.
300ms
290ms
240ms
see Fig. 3-2
Rise time
typ.
63ms
63ms
63ms
at 48V, 5.4A const. current load,
0mF load capacitance, see Fig. 3-2
typ.
210ms
210ms
210ms
at 48V, 5.4A const. current load,
5mF load capacitance,, see Fig. 3-2
Turn-on overshoot
max.
200mV
200mV
200mV
see Fig. 3-2
External input protection
See recommendations in chapter 23.3.
*)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
**) The crest factor is the mathematical ratio of the peak value to RMS value of the input current waveform.
Fig. 3-1 Input voltage range
Fig. 3-2 Turn-on behavior, definitions
90V
Rated
input range
max.
500ms
V
IN
P
OUT
4/27
300Vac
264V
Start-up
delay
Rise
Time
- 5%
Output
Voltage
Input
Voltage
Fig. 3-3 Input current vs. output current at
48V output voltage
Fig. 3-4 Power factor vs. output current at
48V output voltage
6A
0.5 1 1.5 2 2.5 3 3.5 4 4.5
0
0.5
1.0
1.5
2.0
2.5
3A
Input Current, typ.
55.5
a) 100Vac
b) 120Vac
c) 230Vac
Output Current
(a)
(b)
(c)
Power Factor, typ.
0.5 1 1.5 2 2.5 3 3.5 4 4.5
6A
0.75
0.8
0.85
0.9
0.95
1.0
55.5
Output Current
(a) 100Vac,
(b) 120Vac,
(c) 230Vac
(a)
(b)
(c)
Feb. 2016 / Rev. 1.1 DS-CP10.481-EN
All parameters are specified at 48V, 5.4A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com