Electronic Components Datasheet Search
  English  ▼

X  

CT5.241 Datasheet(PDF) 8 Page - PULS GmbH

Part # CT5.241
Description  24V, 5A, TWO-PHASE INPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT5.241 Datasheet(HTML) 8 Page - PULS GmbH

Back Button CT5.241 Datasheet HTML 4Page - PULS GmbH CT5.241 Datasheet HTML 5Page - PULS GmbH CT5.241 Datasheet HTML 6Page - PULS GmbH CT5.241 Datasheet HTML 7Page - PULS GmbH CT5.241 Datasheet HTML 8Page - PULS GmbH CT5.241 Datasheet HTML 9Page - PULS GmbH CT5.241 Datasheet HTML 10Page - PULS GmbH CT5.241 Datasheet HTML 11Page - PULS GmbH CT5.241 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
CT5.241
C-Series
24V, 5A, TWO-PHASE INPUT
8. EFFICIENCY AND POWER LOSSES
AC 400V
AC 480V
Efficiency
typ.
90.4%
90.0%
at 24V, 5A
Average efficiency *)
typ.
88.8%
87.9%
25% at 1.25A, 25% at 2.5A, 25% at 3.75A.
25% at 5A
Power losses
typ.
1.5W
1.6W
at 0A
typ.
12.7W
13.3W
at 24V, 5A
typ.
15.3W
15.8W
at 24V, 6A
*)
The average efficiency is an assumption for a typical application where the power supply is loaded with 25% of the nominal load for 25%
of the time, 50% of the nominal load for another 25% of the time, 75% of the nominal load for another 25% of the time and with 100%
of the nominal load for the rest of the time.
Fig. 8-1
Efficiency vs. output current at 24V,
typ.
Fig. 8-2
Losses vs. output current at 24V,
typ.
Efficiency
1
86
88
90
85
91%
6A
24
5
Output Current
3
87
89
400Vac
480Vac
Power Losses
01
2
4
5
6A
0
3
9
15
18W
400Vac
480Vac
6
3
12
Output Current
Fig. 8-3
Efficiency vs. input voltage at 24V,
5A, typ.
Fig. 8-4
Losses vs. input voltage at 24V, 5A,
typ.
Efficiency
320
360
400
440
480
91%
88.5
89.5
90.5
90.0
89.0
88.0
520
560
Input Voltage Vac
Power Losses
320
360
400
440
480
18W
3
9
15
12
6
o
520
560
Input Voltage Vac
Jan. 2010 / Rev. 1.1 DS-CT5.241-EN
All parameters are specified at 24V, 5A, 400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com