Electronic Components Datasheet Search
  English  ▼

X  

CT5.241 Datasheet(PDF) 1 Page - PULS GmbH

Part # CT5.241
Description  24V, 5A, TWO-PHASE INPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT5.241 Datasheet(HTML) 1 Page - PULS GmbH

  CT5.241 Datasheet HTML 1Page - PULS GmbH CT5.241 Datasheet HTML 2Page - PULS GmbH CT5.241 Datasheet HTML 3Page - PULS GmbH CT5.241 Datasheet HTML 4Page - PULS GmbH CT5.241 Datasheet HTML 5Page - PULS GmbH CT5.241 Datasheet HTML 6Page - PULS GmbH CT5.241 Datasheet HTML 7Page - PULS GmbH CT5.241 Datasheet HTML 8Page - PULS GmbH CT5.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CT5.241
C-Series
24V, 5A, TWO-PHASE INPUT
POWER SUPPLY
AC 380-480V Wide-range Input
Input Fuses Already Included
Requires only Two Legs of a 3-Phase System
Width only 40mm
Efficiency up to 90.4%
20% Output Power Reserves
Input -Transient Blanking Circuit Included
Minimal Inrush Current Surge
Full Power Between -25°C and +60°C
3 Year Warranty
1/21
GENERAL DESCRIPTION
The Dimension C-Series are cost optimized power
supplies without compromising quality, reliability and
performance. The C-Series is part of the DIMENSION
power supply family. The most outstanding features of
CT5.241 are the high efficiency, electronic inrush current
limitation, active input transient filter and wide
operational temperature range, the small size and other
technological design concepts.
The C-Series includes all the essential basic functions.
The devices have a power reserve of 20% included,
which may even be used continuously at temperatures
up to +45°C. The CT5.241 utilizes only 2 legs of a 3-
phase system which saves wiring and installation costs.
Furthermore,
this
allows
a
smaller
unit
without
compromising the size of the terminals. Due to the low
power consumption, an unbalancing of the individual
phases is not expected.
SHORT-FORM DATA
Output voltage
DC 24V
Adjustment range
24-28V
Output current
5 – 4.3A
ambient <60°C
6 – 5.2A
ambient <45°C
Output power
120W
ambient <60°C
144W
ambient <45°C
Output ripple
< 50mVpp
20Hz to 20MHz
Input voltage
AC 380-480V
-15%/+20%
Mains frequency
50-60Hz
±6%
AC Input current
0.75 / 0.68A
at 400 / 480Vac
Power factor
0.45 / 0.43
at 400 / 480Vac
AC Inrush current
typ. 4A peak
Efficiency
90.4 / 90.0%
at 400 / 480Vac
Losses
12.7 / 13.3W
at 400 / 480Vac
Temperature range -25°C to +70°C
operational
Derating
3W/°C
+60 to +70°C
Hold-up time
typ. 27 / 48ms
at 400 / 480Vac
Dimensions
40x124x117mm
WxHxD
ORDER NUMBERS
Power Supply
CT5.241
24-28V Standard unit
Accessory
ZM1.WALL
Wall mount bracket
ZM12.SIDE
Side mount bracket
YRM2.DIODE
Decoupling module
UF20.241
Buffer unit
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
Marine,pending
EMC, LVD
Jan. 2010 / Rev. 1.1 DS-CT5.241-EN
All parameters are specified at 24V, 5A, 400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CT5.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CT5.121 PULS-CT5.121 Datasheet
574Kb / 21P
12V, 8A, TWO-PHASE INPUT
More results

Similar Description - CT5.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
24V, 10A, SINGLE PHASE INPUT
PIC120.241D PULS-PIC120.241D Datasheet
515Kb / 22P
24V, 5A, SINGLE PHASE INPUT
PIC120.241C PULS-PIC120.241C Datasheet
544Kb / 22P
24V, 5A, SINGLE PHASE INPUT
ML100.200 PULS-ML100.200 Datasheet
112Kb / 2P
24V 4.2A, TWO-PHASE INPUT
ML90.200 PULS-ML90.200 Datasheet
120Kb / 2P
24V 3.75A, TWO-PHASE INPUT
QS5.241 PULS-QS5.241 Datasheet
838Kb / 26P
24V, 5A, SINGLE PHASE INPUT
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
24V, 3.4A, SINGLE PHASE INPUT
CP5.241 PULS-CP5.241 Datasheet
881Kb / 26P
24V, 5A, 120W, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
24V, 10A, SINGLE PHASE INPUT
CP5.241 PULS-CP5.241_18 Datasheet
905Kb / 28P
24V, 5A, 120W, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com