Electronic Components Datasheet Search
  English  ▼

X  

ML15.121 Datasheet(PDF) 11 Page - PULS GmbH

Part # ML15.121
Description  12V, 1.3A, SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML15.121 Datasheet(HTML) 11 Page - PULS GmbH

Back Button ML15.121 Datasheet HTML 7Page - PULS GmbH ML15.121 Datasheet HTML 8Page - PULS GmbH ML15.121 Datasheet HTML 9Page - PULS GmbH ML15.121 Datasheet HTML 10Page - PULS GmbH ML15.121 Datasheet HTML 11Page - PULS GmbH ML15.121 Datasheet HTML 12Page - PULS GmbH ML15.121 Datasheet HTML 13Page - PULS GmbH ML15.121 Datasheet HTML 14Page - PULS GmbH ML15.121 Datasheet HTML 15Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
ML15.121
MiniLine-2
12V, 1.3A, SINGLE PHASE INPUT
13. EMC
The power supply is suitable for applications in industrial environment as well as in residential, commercial and light
industry environment without any restrictions. A detailed EMC report is available on request.
EMC Immunity
Generic standards: EN 61000-6-1 and EN 61000-6-2
Electrostatic discharge
EN 61000-4-2
Contact discharge
Air discharge
8kV
8kV
Criterion A
Criterion A
Electromagnetic RF field
EN 61000-4-3
80MHz-2.7GHz
10V/m
Criterion A
Fast transients (Burst)
EN 61000-4-4
Input lines
Output lines
4kV
2kV
Criterion A
Criterion A
Surge voltage on input
EN 61000-4-5
L
N
N
PE, L
PE
2kV
4kV
Criterion A
Criterion A
Surge voltage on output
EN 61000-4-5
+
-
+
PE, -
PE
500V
2kV
Criterion A
Criterion A
Conducted disturbance
EN 61000-4-6
0.15-80MHz
10V
Criterion A
Mains voltage dips
EN 61000-4-11
0% of 100Vac
40% of 100Vac
70% of 100Vac
0% of 200Vac
40% of 200Vac
70% of 200Vac
0Vac, 20ms
40Vac, 200ms
70Vac, 500ms
0Vac, 20ms
80Vac, 200ms
140Vac, 500ms
Criterion A
Criterion C
Criterion A
Criterion A
Criterion A
Criterion A
Voltage interruptions
EN 61000-4-11
0Vac, 5000ms
Criterion C
Input voltage swells
PULS internal standard
300Vac, 500ms
Criterion A
Powerful transients
VDE 0160
over entire load range
750V, 1.3ms
Criterion A
Criterions:
A:
Power supply shows normal operation behavior within the defined limits.
C:
Temporary loss of function is possible. Power supply may shut-down and restarts by itself. No damage or hazards for the power supply
will occur.
EMC Emission
Generic standards: EN 61000-6-3 and EN 61000-6-4
Conducted emission
EN 55011, EN 55022, FCC Part 15, CISPR 11, CISPR 22
Class B, input lines
Radiated emission
EN 55011, EN 55022
Class B
Harmonic input current
EN 61000-3-2
Not applicable below 75W
input power
Voltage fluctuations, flicker
EN 61000-3-3
fulfilled
This device complies with FCC Part 15 rules.
Operation is subjected to following two conditions: (1) this device may not cause harmful interference, and (2) this
device must accept any interference received, including interference that may cause undesired operation.
Switching frequency
Constant, typ. 65kHz
Mar. 2013 / Rev. 2.1 DS-ML15.121-EN
All parameters are specified at 12V, 1.3A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
11/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com