Electronic Components Datasheet Search
  English  ▼

X  

ML15.121 Datasheet(PDF) 8 Page - PULS GmbH

Part # ML15.121
Description  12V, 1.3A, SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML15.121 Datasheet(HTML) 8 Page - PULS GmbH

Back Button ML15.121 Datasheet HTML 4Page - PULS GmbH ML15.121 Datasheet HTML 5Page - PULS GmbH ML15.121 Datasheet HTML 6Page - PULS GmbH ML15.121 Datasheet HTML 7Page - PULS GmbH ML15.121 Datasheet HTML 8Page - PULS GmbH ML15.121 Datasheet HTML 9Page - PULS GmbH ML15.121 Datasheet HTML 10Page - PULS GmbH ML15.121 Datasheet HTML 11Page - PULS GmbH ML15.121 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ML15.121
MiniLine-2
12V, 1.3A, SINGLE PHASE INPUT
8. EFFICIENCY AND POWER LOSSES
AC 100V
AC 120V
AC 230V
Efficiency
typ.
82.4%
83.0%
82.5%
at 12V, 1.3A (full load)
Power losses
typ.
0.5W
0.55W
0.75W
at 0A
typ.
1.7W
1.6W
1.8W
at 12V, 0.65A (half load)
typ.
3.2W
3.1W
3.2W
at 12V, 1.3A (full load)
Fig. 8-1
Efficiency vs. output current at 12V,
typ.
Fig. 8-2
Losses vs. output current at 12V,
typ.
Efficiency
0.2
77
78
79
80
81
82
83
76
84%
1.4A
0.6
0.8
1.2
Output Current
0.4
1.0
a) 100Vac
b) 120Vac
c) 230Vac
b
c
a
Power Losses
00.2
1.4A
0
0.5
1.5
2.0
4W
2.5
0.4
0.6
0.8
Output Current
1.0
1.2
1.0
3.0
a) 100Vac
b) 120Vac
c) 230Vac
3.5
b
c
a
Fig. 8-3
Efficiency vs. input voltage at 12V,
1.3A, typ.
Fig. 8-4
Losses vs. input voltage at 12V, 1.3A,
typ.
Efficiency
85
120
155
190
225 260Vac
79
80
81
82
83
84
85%
Input Voltage
Power Losses
2.75
3.25
3.50
3.75
4W
85
120
155
190
225 260Vac
Input Voltage
3.00
Mar. 2013 / Rev. 2.1 DS-ML15.121-EN
All parameters are specified at 12V, 1.3A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com