Electronic Components Datasheet Search
  English  ▼

X  

ML30.106 Datasheet(PDF) 2 Page - PULS GmbH

Part # ML30.106
Description  NEC Class 2 Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML30.106 Datasheet(HTML) 2 Page - PULS GmbH

  ML30.106 Datasheet HTML 1Page - PULS GmbH ML30.106 Datasheet HTML 2Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input
Input voltage
AC100-240V (Wide Range), 47...63 Hz
Admiss. limits: AC 85...264V (DC 85...375V)
Input current
<0.65A (@ AC 100Vin, 36W Pout)
<0.4A (@ AC 196Vin, 36W Pout)
External fusing
not required, unit provides internal fuse
(T3A15H, not accessible)
Transient immunity
Transient resistance acc. to VDE 0160 / W2
(750V/ 1.3ms), over entire load range
Hold-up time (see diagram below):
>180ms @ AC 230V (+12V / 2A, -12V / 1A; +15V / 1,6A, -15V / 0,8A)
>100ms @ AC 196V (+12V / 2A, -12V / 1A; +15V /1,6A, -15V / 0,8A)
>18ms @ AC 100V (+12V / 2A, -12V / 1A; +15V /1,6A, -15V / 0,8A)
Efficiency, Reliability
Efficiency
Losses
86%
(AC 230V, 36W)
(see also diagram below)
typ. 6W
(AC 230V, 36W)
MTBF (Reliability)
600.000 h acc. to Siemensnorm SN29500
(symetric load / 36W, AC 230V, Tamb = 40°C)
Prior to shipment, every unit undergoes the following tests in order to
isolate any defective units which might suffer an early failure:
• Run-in / burn-in (Full load, Tamb = +60°C, on/off cycle)
• Functional test (100 %)
Construction, Mechanics, Installation
Robust plastic housing (US Patent No. D442, 923S), fine ventilation grid
on three housing sides to keep out small parts (e.g. screws), IP20
Dimensions and weight
• W x H x D
•Weight
45mm x 75mm x 91mm (+ DIN rail)
Depth incl. terminals: 98 mm (+ DIN rail)
240 g
Mounting orientation
,
or
(cf. ’Output’)
Ventilation/Cooling
• Free space for cooling
Normal convection, no fan required
recom’d.: 25mm on sides with ventilation grid
Easy snap-on mounting onto the DIN-Rail (TS35/7,5 or TS35/15).
Unit sits safely and firmly on the rail; no tools required even to remove
Connection
by Spring Clamp terminals; uniformly firm hold,
vibration-resistant and maintenance-free.
Connector size range
• flexible cable
• solid cable
• Wire strip length
0.3-2.5mm2 (28-12 AWG)
0.3-4mm2 (28-12 AWG)
Ferrules admissible
6mm (0.24in) recommended
Design details – for your advantage:
• All terminals are easy to reach as mounted on the front panel.
• Input and output are strictly apart from each other (input below, out-
put above) and so cannot be mixed up
• Mounting and connection do not require any screwdriver
→ Easy, quick, durable and reliable installation
Diagrams
± 0
± 3
± 6
± 9
± 12
± 15
± 18
±0,0
±0,5
±1,0
±1,5
±2,0
±2,5
±3,0
Output current Iout [A]
Output characteristic Vout/Iout
(@ Vout = ±12V / ±15V, min.)
Efficiency
Hold-up time with ACin
(@ Vout = ±15V, typ.)
(at Vout = ±12V / ±15V, typ.)
Derating
of output power
72
74
76
78
80
82
84
86
88
90
0,3
0,6
0,9
1,2
1,5
1,8
Output current Iout [A]
100 VACin
120 VACin
230 VACin
0
10
20
30
40
-10
0
10
20
30
40
50
60
70
Ambient temperature [°C]
Mounting
85-264 V ACin A-a A-a A-b
85-370 V DCin B-a B-a B-b
a
b
B
A
0
50
100
150
200
250
300
350
400
450
500
90
125
160
195
230
Input voltage V ACin [V]
Pout=36W (12V/15V)
Pout=18W (12V/15V)
±12V/±15V @ 100VAC
±12V/±15V @ 230VAC
Output
Output voltage
• preset
DC ±12V (without jumper)
DC ±15V (with jumper);
±15V ± 0.5% with symetric load and 36W
(with jumper)
Output current
0...2.8A (+12V) / 0...1.4A (-12V)
0...2.4A (+15V) / 0...1.4A (-15V)
Rated total output power: 36W
Voltage regulation
•range
stat. ±4% Vout
dyn. ±2% Vout over all
0.1...2.8A (+12V) / 0.1...1.4A (-12V)
0.1...2.4A (+15V) / 0.1...1.4A (-15V)
Rated total output power: 36W
Ripple/Noise
<50mVPP (20MHz bandw., 50Ω measurem.)
Overvoltage prot. (OVP) <50V
Rated continuous
loading
(see output current above); depending on built-
in orientation, Vin and Tamb (convection cool-
ing); for details see derating diagram below
Overload behaviour
PULS Overload Design™: No switch-off at
overload/short-circuit. Thus, you need no over-
sizing to start awkward loads.
Protection
Unit is protected against (also permanent)
short-circuit, overload and open-circuit.
Derating
depending on built-in orientation;
see diagram below
Power back immunity
max. ±20V
Operating indicator
Green LED (DC ON)
Environmental Data, EMC, Safety
Ambient temperature range (measured 25mm below unit)
• storage/transport
• operation
-25°C ... +85°C
-10°C ... +70°C (for derating see diagram below)
Humidity
max. 95% (without condensation)
Electromagnetic
emissions (EME)
EN 61000-6-3 (includes EN 61000-6-4)
Class B (EN 55011, EN 55022)
Electromagnetic
immunity (EMI)
EN 61000-6-2 (includes EN 61000-6-1)
Safe low voltage.:
Prot. class/degree:
SELV (EN60950, VDE0100/T.410), PELV (EN50178)
Class I (EN60950) / IP20 (EN60529)
The PSU complies with all major safety approvals for EU (EN 60 950,
EN 60204-1, EN 50178), USA (UL 60950, E137006, UL508 LISTED, E198865),
Canada (CAN/CSA-C22.2 No 60950 [CUR], CAN/CSA-C22.2 No. 14 [CUL]),
CB Scheme (IEC 60950).
Technical Data ML30.106
Product information (ML30e106), Stand: 4. May 2004. Unless otherwise stated, specifications are valid for AC 230V input voltage, +25°C ambient temperature, and 5 min. run-in time. They
are subject to change without prior notice.
PULS GmbH, Arabellastraße 15, D-81925 München
Tel: +49.(0)89.9278-244, Fax: +49.(0)89.9278-199, E-Mail: sales@puls-power.com
www.puls-power.com
Spri
ng C
lam
ps



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com