Electronic Components Datasheet Search
  English  ▼

X  

ML30.106 Datasheet(PDF) 1 Page - PULS GmbH

Part # ML30.106
Description  NEC Class 2 Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML30.106 Datasheet(HTML) 1 Page - PULS GmbH

  ML30.106 Datasheet HTML 1Page - PULS GmbH ML30.106 Datasheet HTML 2Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mini is more.
PULS GmbH, Arabellastrasse 15, 81925 Munich
Tel. +49.(0)89.9278-244, Fax: +49.(0)89.9278-199
sales@puls-power.com, http://www.puls-power.com
PULS does it again:
practical, versatile and reliable like
the SilverLine – yet small like
no other.
MiniLine
with DC ±12V / ±15V (36W)
• Mounted and connected
in record time, no tools required
• World-wide approvals (UL, EN, CSA,
CB Scheme) for industry and office/
home
• Tiny: WxHxD = 45 x 75 x 91mm
• NEC Class 2 Power Supply
• Output voltage adjustable to
DC ±12V (without jumper) or
DC ±15V (with jumper)
• 100-240V Wide Range Input
• PULS Overload Design™
(high output overload capability)
ML30e106/040504
Data Sheet
(Dual Output)


Similar Part No. - ML30.106

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML30.100 PULS-ML30.100 Datasheet
252Kb / 2P
NEC Class 2 Power Supply
ML30.101 PULS-ML30.101 Datasheet
255Kb / 2P
NEC Class 2 Power Supply
ML30.102 PULS-ML30.102 Datasheet
212Kb / 2P
NEC Class 2 Power Supply
More results

Similar Description - ML30.106

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELN-60 MEANWELL-ELN-60_11 Datasheet
178Kb / 3P
60W Single Output Class 2 Switching Power Supply
logo
Artesyn Technologies
LDS100-24-U00 ARTESYN-LDS100-24-U00 Datasheet
998Kb / 3P
LED Lighting Power Supply - Class 2
LDS70-12-U00 ARTESYN-LDS70-12-U00 Datasheet
973Kb / 3P
LED Lighting Power Supply - Class 2
logo
PULS GmbH
ML30.100 PULS-ML30.100 Datasheet
252Kb / 2P
NEC Class 2 Power Supply
ML30.101 PULS-ML30.101 Datasheet
255Kb / 2P
NEC Class 2 Power Supply
ML30.102 PULS-ML30.102 Datasheet
212Kb / 2P
NEC Class 2 Power Supply
ML50.102 PULS-ML50.102 Datasheet
403Kb / 2P
NEC Class 2 Power Supply
ML50.105 PULS-ML50.105 Datasheet
219Kb / 2P
NEC Class 2 Power Supply
ML50.111 PULS-ML50.111 Datasheet
363Kb / 2P
NEC Class 2 Power Supply
QS5.DNET PULS-QS5.DNET Datasheet
686Kb / 21P
24V, 3.8A, NEC CLASS 2, DEVICENET POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com