Electronic Components Datasheet Search
  English  ▼

X  

ML50.109 Datasheet(PDF) 7 Page - PULS GmbH

Part # ML50.109
Description  SINGLE PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML50.109 Datasheet(HTML) 7 Page - PULS GmbH

Back Button ML50.109 Datasheet HTML 3Page - PULS GmbH ML50.109 Datasheet HTML 4Page - PULS GmbH ML50.109 Datasheet HTML 5Page - PULS GmbH ML50.109 Datasheet HTML 6Page - PULS GmbH ML50.109 Datasheet HTML 7Page - PULS GmbH ML50.109 Datasheet HTML 8Page - PULS GmbH ML50.109 Datasheet HTML 9Page - PULS GmbH ML50.109 Datasheet HTML 10Page - PULS GmbH ML50.109 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ML50.100, ML50.109
MiniLine
24V, 2.1A, SINGLE PHASE INPUT
Mar. 2007 / Rev. 1.0 DS-ML50.100-EN
All parameters are specified at 24V, 2.1A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
7/20
11. EFFICIENCY AND POWER LOSSES
AC 100V
AC 120V
AC 230V
Efficiency
typ.
87.5%
88.4%
89.0%
2.1A, 24V
Power losses
typ.
0.6W
0.7W
1.3W
0A
typ.
4.0W
4.1W
4.4W
1.05A, 24V
typ.
7.2W
6.6W
6.2W
2.1A, 24V
Fig. 11-1 Efficiency vs. output current at 24V
Fig. 11-2 Losses vs. output current at 24V
Efficiency
0.3
76
78
80
82
84
86
88
74
90%
2.1A
0.9
1.2
1.8
Output Current
0.6
1.5
a) 100Vac
b) 120Vac
c) 230Vac
b
c
a
Power Losses
00.3
2.1A
0
1
3
4
5
6
8W
2
7
0.6
0.9
1.2
Output Current
1.5
1.8
a) 100Vac
b) 120Vac
c) 230Vac
a
b
c
a
b
c
Fig. 11-3 Efficiency vs. input voltage, 24V, 2.1A
Fig. 11-4 Losses vs. input voltage, 24V, 2.1A
Efficiency
85
120
155
190
225 260
Vac
85
86
87
88
Input Voltage
89
90
91%
Power Losses
5
6
7
8
Input Voltage
9W
85
120
155
190
225 260
Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com