Electronic Components Datasheet Search
  English  ▼

X  

ML50.109 Datasheet(PDF) 8 Page - PULS GmbH

Part # ML50.109
Description  SINGLE PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML50.109 Datasheet(HTML) 8 Page - PULS GmbH

Back Button ML50.109 Datasheet HTML 4Page - PULS GmbH ML50.109 Datasheet HTML 5Page - PULS GmbH ML50.109 Datasheet HTML 6Page - PULS GmbH ML50.109 Datasheet HTML 7Page - PULS GmbH ML50.109 Datasheet HTML 8Page - PULS GmbH ML50.109 Datasheet HTML 9Page - PULS GmbH ML50.109 Datasheet HTML 10Page - PULS GmbH ML50.109 Datasheet HTML 11Page - PULS GmbH ML50.109 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ML50.100, ML50.109
MiniLine
24V, 2.1A, SINGLE PHASE INPUT
Mar. 2007 / Rev. 1.0 DS-ML50.100-EN
All parameters are specified at 24V, 2.1A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8/20
12. FUNCTIONAL DIAGRAM
Fig. 12-1 Functional diagram
Input Fuse
&
Input Filter
L
N
Output Over-
Voltage
Protection
DC-OK
Transistor
Signal
Input
Rectifier
&
Inrush
Limiter
Power
Converter
Output
Voltage
Regulator
+
+
-
-
Output
Filter
V
OUT
DC
ok
DC-ok
Signal
13. RELIABILITY
These units are extremely reliable and use only the highest quality materials. The number of critical components such
as electrolytic capacitors has been reduced.
AC 100V
AC 120V
AC 230V
Lifetime expectancy
min.
34 000h
44 000h
54 000h
40°C, 24V, 2.1A
min.
112 000h
117 000h
111 000h
40°C, 24V, 1.05A
min.
96 000h
125 000h
152 000h
25°C, 24V, 2.1A
MTBF SN 29500, IEC 61709
2 383 000h
2 456 000h
2 613 000h
40°C, 24V, 2.1A
3 977 000h
4 100 000h
4 362 000h
25°C, 24V, 2.1A
MTBF MIL HDBK 217F
1 021 000h
1 053 000h
1 120 000h
40°C, 24V, 2.1A, Ground Benign GB40
1 370 000h
1 413 000h
1 503 000h
25°C, 24V, 2.1A, Ground Benign GB25
The Lifetime expectancy shown in the table indicates the operating hours (service life) and is determined by the
lifetime expectancy of the built-in electrolytic capacitors.
Lifetime expectancy is specified in operational hours. Lifetime expectancy is calculated according to the capacitor’s
manufacturer specification. The prediction model allows a calculation of up to 15 years from date of shipment.
MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates
reliability of a device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily
represent the life of a product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com