Electronic Components Datasheet Search
  English  ▼

X  

8406000000 Datasheet(PDF) 105 Page - List of Unclassifed Manufacturers

Part # 8406000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8406000000 Datasheet(HTML) 105 Page - List of Unclassifed Manufacturers

Back Button 8406000000 Datasheet HTML 101Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 102Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 103Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 104Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 105Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 106Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 107Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 108Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 109Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
103
64 x 58 x 34
64 x 98 x 34
64 x 150 x 34
80 x 75 x 57
80 x 125 x 57
80 x 175 x 57
80 x 250 x 52
100 x 100 x 80
100 x 160 x 80
100 x 200 x 80
120 x 122 x 80
120 x 122 x 90
120 x 220 x 80
120 x 220 x 90
120 x 360 x 80
140 x 140 x 90
140 x 200 x 90
160 x 160 x 90
160 x 260 x 90
160 x 360 x 90
160 x 560 x 90
180 x 180 x 100
180 x 280 x 100
100 x 230 x 110
230 x 200 x 110
230 x 200 x 180
230 x 280 x 110
230 x 330 x 110
230 x 330 x 180
230 x 400 x 110
230 x 400 x 224
230 x 600 x 110
310 x 400 x 110
310 x 400 x 140
310 x 400 x 180
310 x 400 x 230
310 x 600 x 110
310 x 600 x 180
600 x 600 x 200
• Empty enclosures with EC-type examination certificate for individual fittings
• Terminal enclosure for increased safety and intrinsically safe protection
• Robust aluminum diecast enclosure in standard or flange type
Aluminum terminal enclosures E Ex e II T6
Included in delivery
Empty enclosure: Enclosure with silicone seal and external
ground connection
Terminal enclosure: Enclosure system - depending on
version either with silicone seal, external ground connection,
DIN rails, internal ground connection, terminals,
manufacturing, cable glands.
Technical Data
Explosion protection
II 2 G / 2 D
EEx e II T6 (increased safety)
EEx ia IIC T6 (intrinsic safety)
EEx e(ia) IIC T6 (mixed fitting)
Temperature class T5 and T4 on request
Empty enclosure: PTB 98 ATEX 3101U
Terminal enclosure: PTB 00 ATEX 1063
Aluminum diecast AlSi 12
Powdercoating
Gray, similar to RAL 7001
IP 66, EN 60529
>7 Nm, EN 50014
-20°F to +104°F (corresponds T6 = 185°F max. surface temperature)
-20°F to +131°F (corresponds T5 = 212°F max. surface temperature)
-20°F to +195°F (corresponds T4 = 275°F max. surface temperature)
Temperature to -67°F with special marking on request
PTB
05060603 00
05061003 00
05061503 00
05080806 00
05081306 00
05081806 00
05082505 00
05101008 00
05101608 00
05102008 00
05121208 00
05121209 00
05122208 00
05122209 00
05123608 00
05141409 00
04142009 00
05161609 00
05162609 00
05163609 00
05165609 00
05181810 00
05182810 00
05231011 00
05232011 00
05232018 00
05232811 00
05233311 00
05233318 00
05234011 00
05234023 00
05236011 00
05314011 00
05314014 00
05314018 00
05314023 00
05316011 00
05316018 00
05606020 00
Part Number
Part Number
Part Number
Part Number
Part Number
Part Number
Dimensions
mm
Dimensions
mm
Dimensions
Inches
Dimensions
Inches
W x L x H
W x L x H
Ex-e version
EN 50014/
EN 50019
Ex-e version
EN 50014/
EN 50019
Ex-ia version
EN 50014/
EN 50020
Ex-ia version
EN 50014/
EN 50020
W x L x H
W x L x H
15060603 00
15061003 00
15061503 00
15080806 00
15081306 00
15081806 00
15082505 00
15101008 00
15101608 00
15102008 00
15121208 00
15121209 00
15122208 00
15122209 00
15123608 00
15141409 00
15142009 00
15161609 00
15162609 00
15163609 00
15165609 00
15181810 00
15182810 00
15231011 00
15232011 00
15232018 00
15232811 00
15233311 00
15233318 00
15234011 00
15234023 00
15236011 00
15314011 00
15314014 00
15314018 00
15314023 00
15316011 00
15316018 00
15606020 00
25060603 00
25061003 00
25161503 00
25080806 00
25081306 00
25081806 00
25082505 00
25101008 00
25101608 00
25102008 00
25121208 00
25121209 00
25122208 00
25122209 00
25123608 00
25141409 00
25142009 00
25161609 00
25162609 00
25163609 00
25165609 00
25181810 00
25182810 00
25231011 00
25232011 00
25232018 00
25232811 00
25233311 00
25233318 00
25234011 00
25234023 00
25236011 00
25314011 00
25314014 00
25314018 00
25314023 00
25316011 00
25316018 00
25606020 00
2.52 x 2.28 x 1.34
2.52 x 3.86 x 1.34
2.52 x 5.90 x 1.34
3.15 x 2.95 x 2.24
3.15 x 4.92 x 2.24
3.15 x 6.89 x 2.24
3.15 x 9.84 x 2.24
3.94 x 3.94 x 3.15
3.94 x 6.30 x 3.15
3.94 x 7.87 x 3.15
4.72 x 4.80 x 3.15
4.72 x 4.80 x 3.54
4.72 x 8.66 x 3.15
4.72 x 8.66 x 3.54
4.72 x 14.17 x 3.15
5.51 x 5.51 x 3.54
5.51 x 7.87 x 3.54
6.30 x 6.30 x 3.54
6.30 x 10.24 x 3.54
6.30 x 14.17 x 3.54
6.30 x 22.04 x 3.54
7.09 x 7.09 x 3.94
7.09 x 11.02 x 3.94
3.94 x 9.05 x 4.33
9.05 x 7.87 x 4.33
9.05 x 7.87 x 7.09
9.05 x 11.02 x 4.33
9.05 x 12.99 x 4.33
9.05 x 12.99 x 7.09
9.05 x 15.75 x 4.33
9.05 x 15.75 x 8.82
9.05 x 23.62 x 4.33
12.20 x 15.75 x 4.33
12.20 x 15.75 x 5.51
12.20 x 15.75 x 7.09
12.20 x 15.75 x 9.05
12.20 x 23.62 x 4.33
12.20 x 23.62 x 7.09
23.62 x 23.62 x 7.87
Certificates
Material
Painting
Color
Ingress protection
Impact resistance
Temperature range of application
acc. EN
Empty enclosure
EN 50014/
EN 50019
Empty enclosure
EN 50014/
EN 50019
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com