Electronic Components Datasheet Search
  English  ▼

X  

8406000000 Datasheet(PDF) 106 Page - List of Unclassifed Manufacturers

Part # 8406000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8406000000 Datasheet(HTML) 106 Page - List of Unclassifed Manufacturers

Back Button 8406000000 Datasheet HTML 102Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 103Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 104Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 105Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 106Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 107Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 108Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 109Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 110Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 164 page
background image
www.Rose-Bopla.com
104
Dimensions
mm
W x L x H
Empty enclosure
EN 50014/
EN 50019
Ex-ia version
EN 50014/
EN 50020
Ex-e version
EN 50014/
EN 50019
Empty enclosure
EN 50014/
EN 50019
Ex-ia version
EN 50014/
EN 50020
Ex-e version
EN 50014/
EN 50019
75 x 80 x 55
75 x 80 x 75
75 x 110 x 55
75 x 110 x 75
75 x 160 x 55
75 x 160 x 75
75 x 190 x 55
75 x 190 x 75
75 x 230 x 55
75 x 230 x 75
120 x 122 x 90
120 x 220 x 90
160 x 160 x 90
160 x 260 x 90
160 x 360 x 90
160 x 560 x 90
250 x 255 x 120
250 x 255 x 160
250 x 400 x 120
250 x 400 x 160
250 x 600 x 120
360 x 360 x 90
405 x 400 x 120
• Fiberglass enclosure with graphite added to reduce surface static
• Terminal enclosure for increased safety and intrinsically safe protection
• Empty enclosure for individual fittings with EG increased safeguard
Fiberglass Terminal Enclosures E Ex e II T6
Included in delivery
Empty enclosure: Enclosure system with silicone seal
Terminal enclosure: Enclosure system - depending on
version either with silicone seal, DIN rails, internal grounding
connection, terminals, continuity plate, manufacturing,
cable glands.
Technical Data
Explosion protection
II 2 G / 2 D
EEx e II T6 (increased safety)
EEx ia IIC T6 (intrinsic safety)
EEx e(ia) IIC T6 (mixed fitting)
Temperature classes T5 and T4 on request
Empty enclosure: PTB 01 ATEX 1061U
Terminal enclosure: PTB 00 ATEX 1002
Glassfiber-reinforced duroplastic Polyester, graphite added
Black, similar to RAL 9011
IP 66, EN 60529
>7 Nm, EN 50014
self-extinguishing, UL 94/V0
<109 Ohm, EN 50014
max. 0.7%, ASTM D570
Halogen free
-4°F to +104°F (corresponds T6 = 185°F max. surface temperature)
-20°F to +131°F (corresponds T5 = 212°F max. surface temperature)
Temperature to -67°F with special marking on request
PTB
06080806 00
06080808 00
06081106 00
06081108 00
06081606 00
06081608 00
06081906 00
06081908 00
06082306 00
06082308 00
06121209 00
06122209 00
06161609 00
06162609 00
06163609 00
06165609 00
06252612 00
06252616 00
06254012 00
06254016 00
06256012 00
06363609 00
06414012 00
Part
Number
Part
Number
Part
Number
Part
Number
Part
Number
Part
Number
Dimensions
mm
Dimensions
Inches
Dimensions
Inches
W x L x H
W x L x H
W x L x H
16080806 00
16080808 00
16081106 00
16081108 00
16081606 00
16081608 00
16081906 00
16081908 00
16082306 00
16082308 00
16121209 00
16122209 00
16161609 00
16162609 00
16163609 00
16165609 00
16252612 00
16252616 00
16254012 00
16254016 00
16256012 00
16363609 00
16414012 00
26080806 00
26080808 00
26081106 00
26081108 00
26081606 00
26081608 00
26081906 00
26081908 00
26082306 00
26082308 00
26121209 00
26122209 00
26161609 00
26162609 00
26163609 00
26165609 00
26252612 00
26252616 00
26254012 00
26254016 00
26256012 00
26363609 00
26414012 00
2.95 x 3.15 x 2.16
3.95 x 3.15 x 2.95
2.95 x 4.33 x 2.16
2.95 x 4.33 x 2.95
2.95 x 6.30 x 2.16
2.95 x 6.30 x 2.95
2.95 x 7.48 x 2.16
2.95 x 7.48 x 2.95
2.95 x 9.05 x 2.16
2.95 x 9.05 x 2.95
4.72 x 4.80 x 3.54
4.72 x 8.66 x 3.54
6.30 x 6.30 x 3.54
6.30 x 10.24 x 3.54
6.30 x 14.17 x 3.54
6.30 x 22.05 x 3.54
9.84 x 10.04 x 4.72
9.84 x 10.04 x 6.30
9.84 x 15.75 x 4.72
9.84 x 15.75 x 6.30
9.84 x 23.62 x 4.72
14.17 x 14.17 x 3.54
15.94 x 15.75 x 4.72
Certificates
Material
Color
Ingress protection
Impact resistance
Flammability
Surface resistance
Water absorption
Toxicity
Temperature range of application
acc. EN
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com