Electronic Components Datasheet Search
  English  ▼

X  

8406000000 Datasheet(PDF) 147 Page - List of Unclassifed Manufacturers

Part # 8406000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8406000000 Datasheet(HTML) 147 Page - List of Unclassifed Manufacturers

Back Button 8406000000 Datasheet HTML 143Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 144Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 145Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 146Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 147Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 148Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 149Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 150Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 151Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
145
Specifications
Military
THE FOLLOWING STANDARDS WILL BE APPLIED ONLY WHEN SPECIFIED.
FEDERAL SUPPLY
CODES
QUALITY
PROCEDURES
CALIBRATION
SYSTEM
REQUIREMENTS
ASSEMBLY &
PACKAGING
ALUMINUM
STAINLESS STEEL
LID SCREWS
MACHINED
SURFACES
Rose Federal Supply Code
#FSCM-4Y520
Rose Foreign Country Supply Code
#FSCM-C024
Cage Code
1L9R7
ISO 9001:2000
ISO 9001:2000
Mil Spec
#STD-130
Special request only.
Mil Spec
ASTM-B85
ASTM
#B-8560: S 12A
For Europe:
DIN 230 Alloy
Hardness Cross:
70
Torque: M4 = 18-26 inch lbs.
M6 = 26-35 inch lbs.
Torque specs are included for reference only. Rose
+Bopla does not recommend using a torque wrench on enclosures
(tighten until snug).
When specified, Rose
+Bopla can:
(A) Machine Surfaces to 125 micro inches or better
(B) Deburr / Break All Sharp Edges
(C) Remove All Burrs
Helicoils
Mil Spec
#NASM-21209 Helicoil Insert Method
Masking Surfaces Prior To Painting
Rose
+Bopla will mask all threaded surfaces and connector mating surfaces prior to primer
and paint application.
Chemical Surface Treatments
Gold Irridite:
Mil Spec
#C-5541-Class 1A
Clear Irridite:
Mil Spec
#C-5541-Class 3
NOTE: Gold irriditing to Mil Spec C-5541-Class 1A offers superior protection, but creates a less conductive surface for
grounding or shielding. Clear irriditing to Mil Spec C-5541-Class 3 offers less protection from corrosion, but leaves a
conductive surface which is recommended for optimum EMI shielding. All machined surfaces are irridited after machining.
Anodizing
Mil Spec
# A 8625: Black Anodize Class 2 Type 2, Nickel acetate sealcoat test.
Federal Standard
#595A: Color 37038
NOTE: All machined surfaces can be anodized after machining.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com