Electronic Components Datasheet Search
  English  ▼

X  

8406000000 Datasheet(PDF) 150 Page - List of Unclassifed Manufacturers

Part # 8406000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8406000000 Datasheet(HTML) 150 Page - List of Unclassifed Manufacturers

Back Button 8406000000 Datasheet HTML 146Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 147Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 148Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 149Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 150Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 151Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 152Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 153Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 154Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 164 page
background image
www.Rose-Bopla.com
148
Specifications
Gaskets
EMI/RFI SHIELDED
OPTIONAL GASKETS
(SPECIAL ORDER
ONLY)
CROSS REFERENCE
CHART
For military requirements where greater shielding is required, such as EMP survivability, we can supply Cho-Seal 1285 gasket,
which meets the Specs listed below. Rose
+Bopla DOES NOT stock this gasket. Accordingly, we will have to advise lead-time,
delivery, cost and minimum quantity (if applicable), if Rose
+Bopla is to supply this higher grade gasket.
* Maximum continuous use is defined as 1000 hours at max. rated temperature (compressed between flanges 7-10%) without electrical
degradation above the limits given under Electrical Stability-Heat Aging.
Mil
Aerospace
Silicone
Ag/Al
0.008
65
1.9
200
100/300
30
32
-65
200
60
115
100
105
100
0.01
0.012
0.008
0.015
0.9
MIL-G-83528
Para. 4.6.11
ASTM D2240
ASTM D792
ASTM D412
ASTM D412
ASTM D624
ASTM D395
Method B
ASTM D1329
MIL-G-83528
Para. 4.6.12
MIL-G-83528
Para. 4.6.15
MIL-G-83528
Para. 4.6.13
MIL-G-83528
Para. 4.6.9
MIL-G-83528
Para. 4.6.16
200 kHz (H Field)
100 MHz (E Field)
500 MHz (E Field)
2 GHz (Plane Wave)
10 GHz (Plane Wave)
Heat Aging
Vibration
During
Resistance
After
Post Tensile Set
EMP Survivability (KA)
Grade
Elastomer Binder
Conductive Filler
Volume Resistivity
(ohm-cm, max) as supplied
Durometer (shore A±5)
Specific Gravity (±0.2)
Tensile Strength (psi, min)
Elongation
(percent, min/max)
Tear Strength (lb./in., min.)
Compression Set, 70 hrs @ 100° C
(percent, max)
Low Temperature Flex, TRIO
(° C, minimum)
Maximum Continuous
Temperature (° C)
Test Standard
Cho-Seal 1285
10082020 00
10082021 00
10082022 00
10082023 00
10082024 00
10082025 00
10082026 00
2.0mm
2.5mm
3.0mm
3.5mm
4.0mm
5.0mm
5.5mm
.078
.098
.118
.137
.157
.197
.216
Rose Part Number
Gasket Size
Metric
Inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com