Electronic Components Datasheet Search
  English  ▼

X  

8406000000 Datasheet(PDF) 152 Page - List of Unclassifed Manufacturers

Part # 8406000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8406000000 Datasheet(HTML) 152 Page - List of Unclassifed Manufacturers

Back Button 8406000000 Datasheet HTML 148Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 149Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 150Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 151Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 152Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 153Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 154Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 155Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 156Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 164 page
background image
www.Rose-Bopla.com
150
Specifications
-
3/8" NPT
-
-
1/2" NPT
-
3/4" NPT
-
1" NPT
-
-
-
M 12
M 16
M 20
M 25
M 32
M 40
Cable Grip
CABLE GRIP
INSTALLATION
INFORMATION
CROSS REFERENCE
CHART
DRILL HOLE AND TAP
INFORMATION
CABLE GRIP SELECTION
GUIDE
PG cable glands are in the process of being phased out. These will be replaced with metric type glands. Rose
+Bopla’s PG cable
grips employ a special thread not generally available in America, therefore we are standardizing with metric.
Accordingly, Rose
+Bopla has a limited stock of taps for sale to customers wishing to drill, tap and install Rose+Bopla’s PG type
cable grips at their own facilities. We do not offer metric taps, however they can be purchased through your local hardware
supplier.
Listed below is the necessary information for drilling and tapping holes for Rose
+Bopla’s PG or metric cable grips and the
appropriate tap part number. Thick wall applications require that you tap holes for cable glands. Thin wall applications may be
drilled through with a nut.
If you are going to use a polyamide grip with a nut and are not going to tap the hole, you will need to drill a larger hole to push the grip
through. Use the chart below for the correct size hole.
Metric Cable
Grip Size
M 12 x 1.5
M 16 x 1.5
M 20 x 1.5
M 25 x 1.5
M 32 x 1.5
M 40 x 1.5
10.5 mm
14.5 mm
18.5 mm
23.5 mm
30.5 mm
38.5 mm
12.2 mm
16.2 mm
20.2 mm
25.2 mm
32.2 mm
40.2 mm
0.480
0.638
0.795
0.992
1.268
1.583
0.413
0.571
0.728
0.925
1.2
1.516
z (.413)
37/64" (.578)
47/64" (.734)
59/64" (.922)
-
-
Tap Size
Metric Tapped Hole
Size
Inch Tapped
Hole Size
Closest American
Drill Size
Metric
Through-Hole
Inch
Through-Hole
3-6.5
4-8
6-10
6-12
7-12
10-14
13-18
14-18
20-25
24.32
32-38
37-44
.12-.26
.18-.32
.24-.39
.24-.47
.28-.47
.39-.55
.51-.71
.55-.71
.79-.98
.95-1.26
1.26-1.50
1.46-1.73
Wire Size
mm
Inches
American Size
PG Size
PG 7
PG 9
PG 11
-
PG 13.5
PG 16
PG 21
-
PG 29
PG 36
PG 42
PG 48
M12
M16
M16
M20
-
M20
-
M25
M32
M40
M50
M63
Metric Size
PG 7
PG 9
PG 11
PG 13.5
PG 16
PG 21
PG 29
PG 36
PG 42
PG 48
Cable Grip
Size
08070000
08090000
08110000
08130000
08160000
08210000
08290000
08360000
08420000
08480000
11.5 mm
14 mm
17.25 mm
19 mm
21.25 mm
27 mm
35.5 mm
45.5 mm
52.8 mm
58 mm
12.3 mm
15.1 mm
19.6 mm
20.2 mm
22.3 mm
28.2 mm
36.9 mm
48.8 mm
-
-
0.484
0.594
0.772
0.795
0.878
1.11
1.453
1.921
-
-
0.453
0.551
0.679
0.748
0.837
1.063
1.398
1.791
2.079
2.283
29/64" ( .453)
35/64" ( .547)
43/64" ( .672)
3/4" ( .750)
53/64" ( .828)
1 1/16" (1.063)
1 25/64" (1.391)
1 51/64" (1.797)
2 5/64" (2.078)
2 9/32" (2.281)
Rose PG Tap
Part Number
Metric Tapped
Hole Size
Inch Tapped
Hole Size
Closest American
Drill Size
Metric
Through-Hole
Inch
Through-Hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com