Electronic Components Datasheet Search
  English  ▼

X  

REDIN240 Datasheet(PDF) 1 Page - Recom International Power

Part # REDIN240
Description  Universal AC Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN240 Datasheet(HTML) 1 Page - Recom International Power

  REDIN240 Datasheet HTML 1Page - Recom International Power REDIN240 Datasheet HTML 2Page - Recom International Power REDIN240 Datasheet HTML 3Page - Recom International Power REDIN240 Datasheet HTML 4Page - Recom International Power REDIN240 Datasheet HTML 5Page - Recom International Power REDIN240 Datasheet HTML 6Page - Recom International Power REDIN240 Datasheet HTML 7Page - Recom International Power REDIN240 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
DIN Rail
Series
• Universal AC Input (85-264VAC)
• Protections: SCP, OVP, OLP, OTP
• DC OK Indicator LED with Relay Contacts
• 150% (360W) peak load capacity
• Built-in active PFC,PF>0.95
• High effciency up to 94%
AC/DC Converter
PDR-1
REV.: 1/2016
www.recom-power.com
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
85VAC
264VAC
Absolute Maximum Input
Voltage
max. 3 seconds
300VAC
375VDC
Input Current
full load, 115VAC
full load, 230VAC
2.28A
1.13A
3.0A
1.5A
Inrush Current
cold start at 25°C, 115VAC
cold start at 25°C, 230VAC
15A
32A
20A
40A
No Load Power Consumption
85-264VAC
230VAC
2.2W
1.8W
4W
3W
Input Frequency Rang e
47Hz
63Hz
Output Trim
24Vout
48Vout
24V
48V
28V
56V
Power Factor
115VAC
230VAC
0.99
0.95
Start-up time
24Vout
115VAC
230VAC
1.48s
1.27s
3s
48Vout
115VAC
230VAC
1.45s
1.25s
Hold-up time
24Vout
230VAC
20ms
26.28ms
48Vout
20ms
24.74ms
Rise time
24Vout
230VAC
16.62ms
100ms
48Vout
26.27ms
Ripple & Noise(1)
0 - 70°C
-25°C
24Vout
240mVp-p
480mVp-p
-25 - 70°C
48Vout
480mVp-p
continued on next page
Specifications (measured @ ta = 25°C, rated Vin, rated load and after warm up)
UL60950-1 Certified
UL508 Certified
IEC/EN60950-1 Certified
Description
These DIN-rail mounted power supplies have a robust case, 4mm screw terminal connectors and use
high reliability components to give a long, trouble-free life. The REDIN240 can be end mounted to save
rail space or side mounted for use in low-profile cabinets. The units can deliver up to 150% start-up
power and allow n+1 parallel operation to increase the continuous output current or for supply redun-
dancy. Relay contacts simplify DC OK monitoring. The REDIN240 series is designed for demanding
commercial and industrial applications with UL508, UL60950, IEC60950 CB report and CE (LVD + EMC
+ RoHS) certifications. They come with a full 5-year warranty.
Selection Guide
Part
nom. Input
Output
Output
Rated
Efficiency
Number
Voltage Range
Voltage
Adjustability
Current
typ.
[VAC]
[VDC]
[VDC]
[A]
[%]
REDIN240-24
100-240
24
24-28
10
94.35
REDIN240-48
100-240
48
48-56
5
93.7
E224736
240 Watt
DIN-Rail
Power
Supply
REDIN240
5 YEAR
warranty
5
Notes:
Note1: Measured at 20MHz bandwidth by using a 12” twisted pair-wire terminated
with a 0.1µF & 10µF parallel capacitor.


Similar Part No. - REDIN240

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REDIN240-24/3AC RECOM-REDIN240-24/3AC Datasheet
617Kb / 8P
240 Watt 3 Phase DIN-Rail Power Supply
REDIN240-3AC RECOM-REDIN240-3AC Datasheet
617Kb / 8P
240 Watt 3 Phase DIN-Rail Power Supply
More results

Similar Description - REDIN240

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AD50SERIES EMERSON-NETWORKPOWER-AD50SERIES Datasheet
173Kb / 2P
Universal AC input
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
Universal AC input
DPS50 EMERSON-NETWORKPOWER-DPS50 Datasheet
456Kb / 2P
Universal AC input
DPT50 EMERSON-NETWORKPOWER-DPT50 Datasheet
647Kb / 2P
Universal AC input
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L Datasheet
403Kb / 2P
Universal AC input
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L_10 Datasheet
322Kb / 2P
Universal AC input
logo
Recom International Pow...
RACD100-ENEC RECOM-RACD100-ENEC Datasheet
128Kb / 2P
Universal AC Input
logo
Lite-On Technology Corp...
PA-1400-47 LITEON-PA-1400-47 Datasheet
499Kb / 2P
Universal AC Input
PA-1400-48 LITEON-PA-1400-48 Datasheet
190Kb / 1P
Universal AC Input
PA-1600-33 LITEON-PA-1600-33 Datasheet
178Kb / 1P
Universal AC Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com