Electronic Components Datasheet Search
  English  ▼

X  

REDIN240 Datasheet(PDF) 4 Page - Recom International Power

Part # REDIN240
Description  Universal AC Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN240 Datasheet(HTML) 4 Page - Recom International Power

  REDIN240 Datasheet HTML 1Page - Recom International Power REDIN240 Datasheet HTML 2Page - Recom International Power REDIN240 Datasheet HTML 3Page - Recom International Power REDIN240 Datasheet HTML 4Page - Recom International Power REDIN240 Datasheet HTML 5Page - Recom International Power REDIN240 Datasheet HTML 6Page - Recom International Power REDIN240 Datasheet HTML 7Page - Recom International Power REDIN240 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating
-25°C to +70°C
Temperature Coefficient
±0.3%/°C
Operating Altitude
3000m
Operating Humidity
non-condensing
20% - 90% RH
IP Rating
IP X0
Pollution Degree (PD)
PD 2
Shock
10-500Hz 2G, 60min.
Vibration
10G /11ms, along x,y and z axis
MTBF
MIL-HDBK-217F, full load, 25°C
300 x 10³ hours
AC/DC Converter
PDR-4
REV.: 1/2016
www.recom-power.com
Specifications (measured @ ta = 25°C, rated Vin, rated load and after warm up)
REDIN240
Series
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety
E224736
UL60950-1, 2nd Edition, 2014
CSA C22.2 No. 60950-1-07, 2nd Edition, 2014
Industrial Control Equipment
E470721
UL508, 17th Edition, 2013
CSA C22.2 No. 107.1-01, 3rd Edition, 2011
Information Technology Equipment - General Requirments for Safety
NTEK-
2016NT02244417S
IEC60950-1, 2nd Edition 2005, +AM1:2009 + AM2:2013
EN60950-1:2006, + A11:2009 + A1:2010 + A12:2011
+ A2:2013
EMC Compliance
Report / Condition
Standard / Criterion
Information technology equipment - Radio disturbance characteristics -
Limits and methods of measurement
EN55022:2010 + AC:2011, Class B
Information technology equipment - Immunity characteristics - Limits and
methods of measurement
EN55024:2010 + A1:2015
Limitations on the amount of electromagnetic intererence allowed from
digital and electronic devices
47 CFR FCC Part 15, Subpart B: 2016
ESD Electrostatic discharge immunity test
Air ±8kV, Contact ±4kV
EN61000-4-2, Criteria B, 2009
Radiated, radio-frequency, electromagnetic field immunity test
3V/m
EN61000-4-3, Criteria A, 2006
continued on next page
Thermal Dertating
-25 -20
-10
0
0
10
20
20
30
40
40
50
60
60
70
80
80
100
Pout 115VAC cont.
Pout 230VAC cont.
Ambient Temperature [°C]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com