Electronic Components Datasheet Search
  English  ▼

X  

DO35 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # DO35
Description  Thermometrics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

DO35 Datasheet(HTML) 4 Page - Amphenol Corporation

  DO35 Datasheet HTML 1Page - Amphenol Corporation DO35 Datasheet HTML 2Page - Amphenol Corporation DO35 Datasheet HTML 3Page - Amphenol Corporation DO35 Datasheet HTML 4Page - Amphenol Corporation DO35 Datasheet HTML 5Page - Amphenol Corporation DO35 Datasheet HTML 6Page - Amphenol Corporation DO35 Datasheet HTML 7Page - Amphenol Corporation DO35 Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Type GE
Specifications
Glass encapsulated DO-35 package
Options
• For reel taping “R” suffix
• Nickel leads for welding
• Other resistances in the range 250
Ω
to 5 M
Ω
• Other tolerances, tolerances at other
temperatures
• Alternative leads lengths, lead
materials
• Can be expanded to 572°F (300°C)
with nickel leads
Ro@25°
C (
Ω )
Material System
Beta 25/85
Type Number
250
GE5.5*
2983
AL03006-165.9-55-K
500
GE5.5*
2983
AL03006-331.8-55-K
1K
GE7.3
3499
AL03006-624-73-K
2K
GE7.3
3499
AL03006-1248-73-K
2786
GE10.1
4102
AL03006-1576-101-K
3K
GE7.6
3553
AL03006-1847-76-K
4K
GE7.6
3553
AL03006-2463-76-K
5K
GE7.6
3553
AL03006-3079-76-K
10K
GE9.7A
3992
AL03006-5818-97-K
20K
GE9.8
3974
AL03006-11.7K-98-K
30K
GE9.8
3974
AL03006-17.53K-98-K
50K
GE9.7B
3952
AL03006-29.1K-97-K
100K
GE9.7B
3952
AL03006-58.2K-97-K
200K
GE12.3
4365
AL03006-111.3K-
123-K
500K
GE13.8
4567
AL03006-269.8K-
138-K
1M
GE14.5
4661
AL03006-535K-145-K
5M
GE16.4
4848
AL03006-2.6M-164-K
*maximum operating temperature 302°F (150°C)
Data
• Standard resistance tolerance: ±10% @ 77°F (25°C)
• Dissipation constant: 3.0 mW/K
• Time constant: 7 seconds
• Operating range: -58°F to 400°F (-50°C to 204°C
NTC Type GE dimensions
Tinned AWG 24
0.155 in
(3.93 mm)
maximum
1.15 in (29.2 mm)
± 0.1
1.15 in (29.2
mm)
± 0.1
Ø 0.075 in
(1.9 mm)
maximum



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com