Electronic Components Datasheet Search
  English  ▼

X  

DO35 Datasheet(PDF) 7 Page - Amphenol Corporation

Part # DO35
Description  Thermometrics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

DO35 Datasheet(HTML) 7 Page - Amphenol Corporation

  DO35 Datasheet HTML 1Page - Amphenol Corporation DO35 Datasheet HTML 2Page - Amphenol Corporation DO35 Datasheet HTML 3Page - Amphenol Corporation DO35 Datasheet HTML 4Page - Amphenol Corporation DO35 Datasheet HTML 5Page - Amphenol Corporation DO35 Datasheet HTML 6Page - Amphenol Corporation DO35 Datasheet HTML 7Page - Amphenol Corporation DO35 Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
1
2
3 / 5
4
6
7
8
Type
Resistance
R(25°C)
Resistance /
B Value
Tolerance
B Value
Range
Standard
Temperature
Lead Wire Type
Packing
& Other
Description
Diode Type
Thermistor
225:25x102
= 2.5k
Ω
310:10x103
=10k
Ω
410:10x104
=100k
Ω
F : ± 1%
G : ± 2%
H : ± 3%
J : ± 5%
K : ± 10%
L : ± 15%
M : ± 20%
:
:
S : others
S : ± 1.5%
33:3300k
~3399k
40:4000k
~4099k
42:4200k
~4299k
J : -18°C
A : 0°C
B : 25°C
C : 50°C
D : 75°C
E : 85°C
F : 100°C
G : 150°C
H : 200°C
:
:
S : others
NR : CP wire
NI : Ni plated
Sn : Sn plated
:
:
:
:
S : others
T5 : Taping
(52mm,
Ammo)
---------------
R3 : Reel
(52mm, 3KP)
---------------
C11 : 11mm
(Wire cutting)
---------------
Other Special
Shape or Dim
Explanation of Part Number
TH
410
S
40
F
D
SN
-
T5
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com