Electronic Components Datasheet Search
  English  ▼

X  

B05 Datasheet(PDF) 8 Page - Amphenol Corporation

Part # B05
Description  Thermometrics temperature sensor solutions
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

B05 Datasheet(HTML) 8 Page - Amphenol Corporation

Back Button B05 Datasheet HTML 4Page - Amphenol Corporation B05 Datasheet HTML 5Page - Amphenol Corporation B05 Datasheet HTML 6Page - Amphenol Corporation B05 Datasheet HTML 7Page - Amphenol Corporation B05 Datasheet HTML 8Page - Amphenol Corporation B05 Datasheet HTML 9Page - Amphenol Corporation B05 Datasheet HTML 10Page - Amphenol Corporation B05 Datasheet HTML 11Page - Amphenol Corporation B05 Datasheet HTML 12Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NTCThermistors
Glass-encapsulated suface mount chips
DKM
MELF
ü ü
• Tmax250°C
• Suitableforharsh
environments and
soldering profiles
SMDcircuitry
Bare bead thermistor
BB05/07/11
ü ü
ü ü
• Fasttimeconstant,
0.11 secs
•Extremelysmallsize
0.13 to 0.25 mm
• Highstability
RF&microwave
power
measurements
Glass-coated beads
B05/07/10/14
B35/43
ü ü
ü ü
• Hermeticallysealed
• Smallsize,0.13mm
to 1.1 mm
• Tmax300°C
Gas
chromatography,
thermal
conductivity
analysis, gas flow
measurement,
liquid level sensing
Glass-encapsulated beads, rods, probes
BR11/14/16/23
BR32/42/55
P20/25/30
P60/65/85/100
R60/65/85/100
SP60/65/85/100
FP07/10/14
ü ü ü
ü
• Robust
• Hermeticallysealed
• Tmax300°C
• Interchangeable
matched pairs
available
• Somemodels
with intermittent
operation to 600°C
Liquidlevel
sensing, gas flow
measurement, fluid
temperature, pulse
suppression
Glass encapsulated chips with leads
GC32
GC14/16
GC11
ü ü ü
ü
• Long-termstability
• Chiptechnology
• Size
• Response
• Accuracy
Medical catheters
military/aerospace,
airflow, blood
analysis
Leadless chip thermistors
NDU
HM
ü ü
• Silverorgold
electrodes suitable
for wire bonding
• Smallsize
Hybridcircuits,
glucose
monitors, digital
thermometers
Description
Codes
Key Features
Typical Uses
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com