Electronic Components Datasheet Search
  English  ▼

X  

B05 Datasheet(PDF) 12 Page - Amphenol Corporation

Part # B05
Description  Thermometrics temperature sensor solutions
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

B05 Datasheet(HTML) 12 Page - Amphenol Corporation

Back Button B05 Datasheet HTML 8Page - Amphenol Corporation B05 Datasheet HTML 9Page - Amphenol Corporation B05 Datasheet HTML 10Page - Amphenol Corporation B05 Datasheet HTML 11Page - Amphenol Corporation B05 Datasheet HTML 12Page - Amphenol Corporation B05 Datasheet HTML 13Page - Amphenol Corporation B05 Datasheet HTML 14Page - Amphenol Corporation B05 Datasheet HTML 15Page - Amphenol Corporation B05 Datasheet HTML 16Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ProbesandAssemblies
General purpose sensors
GT
JA
JB
JE
JF
JP
M series
T series
ü ü
ü
• Tmax225°C
• Rangeoffittings
Domesticovens,
combination
microwave ovens,
industrial process
control
Fast response surface sensors
JC
JW
JD
JS2945
Substrate
ü
• Responsetimedownto
250 ms
• Voltageinsulation
1500V
• Environmental
protection
• Piperanges13mmto
22 mm
Gas boiler control,
domestic water
systems, air
conditioners,
showers, vending
machines,
radiator inlet-
outlet, automotive
temperature
sensing, aerospace
de-icing
Refrigeration, low temperature
JL
JM
JI
EVAPA1424
EVAPforHVAC
A1447-A1450
ü
• Lowtemperature
• Resistanttomoisture
ingress
Lowtemperature
appliances, air
conditioning
evaporators,
industrial
and domestic
refrigeration,
automotive
Eyelet
JR
M2000
ü
• Easeofinstallation
• M3,M4,M5eyeletsizes
Semiconductor
heatsinks, enclosure
panels, surface
temperature
measurement,
PCfancontrol,
power supplies, air
conditioning ducts
Medical products
Custom
assemblies
ü
ü
• Clinicallyapproved
materials
Thermometer
probes, catheters,
skin sensors, fluid
flow
Description
Codes
Key Features
Typical Uses
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com