Electronic Components Datasheet Search
  English  ▼

X  

X9420WS-2.7 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X9420WS-2.7
Description  Single Digitally Controlled (XDCP) Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9420WS-2.7 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X9420WS-2.7 Datasheet HTML 6Page - Xicor Inc. X9420WS-2.7 Datasheet HTML 7Page - Xicor Inc. X9420WS-2.7 Datasheet HTML 8Page - Xicor Inc. X9420WS-2.7 Datasheet HTML 9Page - Xicor Inc. X9420WS-2.7 Datasheet HTML 10Page - Xicor Inc. X9420WS-2.7 Datasheet HTML 11Page - Xicor Inc. X9420WS-2.7 Datasheet HTML 12Page - Xicor Inc. X9420WS-2.7 Datasheet HTML 13Page - Xicor Inc. X9420WS-2.7 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
X9420
Characteristics subject to change without notice.
10 of 20
REV 1.1.6 7/30/02
www.xicor.com
ABSOLUTE MAXIMUM RATINGS
Temperature under bias.................... –65°C to +135°C
Storage temperature......................... –65°C to +150°C
Voltage on SCK, SCL or any
address input with respect to VSS........... –1V to +7V
Voltage on V+ (referenced to VSS).........................10V
Voltage on V- (referenced to VSS) ........................ -10V
(V+) – (V-) ..............................................................12V
Any VH/RH, VL/RL, VW/RW ..............................V- to V+
Lead temperature (soldering, 10 seconds) ........ 300°C
IW (10 seconds) ..................................................±6mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0°C
+70°C
Industrial
–40°C
+85°C
Device
Supply Voltage (VCC) Limits
X9420
5V
±10%
X9420-2.7
2.7V to 5.5V
ANALOG CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Notes: (1) Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used
as a potentiometer.
(2) Relative Linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a
potentiometer. It is a measure of the error in step size.
(3) MI = RTOT/63 or (VH–VL)/63, single pot
(4) Typical = Individual array resolution.
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Units
RTOTAL
End to End Resistance
±20
%
Power Rating
50
mW
25°C, each pot
IW
Wiper Current
±3
mA
RW
Wiper Resistance
150
250
Ω
Wiper Current =
± 1mA,
V+/V– = ±3V
40
100
Ω
Wiper Current =
± 1mA,
V+/V– = ±5V
Vv+
Voltage on V+ Pin
X9420
+4.5
+5.5
V
X9420-2.7
+2.7
+5.5
Vv-
Voltage on V- Pin
X9420
-5.5
-4.5
V
X9420-2.7
-5.5
-2.7
VTERM
Voltage on any VH/RH, VL/RL, VW/RW
V-
V+
V
Noise
-140
dBV
Ref: 1kHz
Resolution(4)
1.6
%
See Note 5
Absolute Linearity(1)
±1
MI(3)
Vw(n)(actual) – Vw(n)(expected)
Relative Linearity(2)
±0.2
MI(3)
Vw(n + 1) – [Vw(n) + MI]
Temperature Coefficient of RTOTAL
±300
ppm/°C
See Note 5
Ratiometric Temperature Coefficient
±20
ppm/°C
See Note 5
CH/CL/CW Potentiometer Capacitances
10/10/25
pF
See Circuit #3
IAL
Rh, RI, Rw leakage current
0.1
10
µA
Vin = V- to V+. Device is in
stand-by mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com