Electronic Components Datasheet Search
  English  ▼

X  

X9420WS-2.7 Datasheet(PDF) 17 Page - Xicor Inc.

Part # X9420WS-2.7
Description  Single Digitally Controlled (XDCP) Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9420WS-2.7 Datasheet(HTML) 17 Page - Xicor Inc.

Back Button X9420WS-2.7 Datasheet HTML 12Page - Xicor Inc. X9420WS-2.7 Datasheet HTML 13Page - Xicor Inc. X9420WS-2.7 Datasheet HTML 14Page - Xicor Inc. X9420WS-2.7 Datasheet HTML 15Page - Xicor Inc. X9420WS-2.7 Datasheet HTML 16Page - Xicor Inc. X9420WS-2.7 Datasheet HTML 17Page - Xicor Inc. X9420WS-2.7 Datasheet HTML 18Page - Xicor Inc. X9420WS-2.7 Datasheet HTML 19Page - Xicor Inc. X9420WS-2.7 Datasheet HTML 20Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
X9420
Characteristics subject to change without notice.
17 of 20
REV 1.1.6 7/30/02
www.xicor.com
PACKAGING INFORMATION
0.320 (8.13)
0.290 (7.37)
Typ. 0.311 (7.90)
0.110 (2.79)
0.090 (2.29)
Typ. 0.100 (2.54)
0.700 (17.78)
Ref.
0.023 (0.58)
0.014 (0.36)
Typ. 0.018 (0.46)
0.070 (1.78)
0.015 (0.38)
Pin 1
0.200 (5.08)
0.125 (3.18)
0.065 (1.65)
0.038 (0.97)
Typ. 0.060 (1.52)
0.310 (7.87)
0.220 (5.59)
0.098 (2.49)
––
0°
15°
16-Lead Hermetic Dual In-Line Package Type D
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
0.735 (18.67)
Seating
Plane
0.005 (0.13) Min.
0.015 (0.38)
0.008 (0.20)
0.200 (5.08)
––
0.150 (3.81) Min.
0.775 (19.69)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com