Electronic Components Datasheet Search
  English  ▼

X  

ADC10D020 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10D020
Description  Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10D020 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button ADC10D020 Datasheet HTML 15Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 16Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 17Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 18Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 19Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 20Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 21Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 22Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Typical Performance Characteristics V
A =VD =VDR = 3.0V, fCLK = 20 MHz, unless otherwise
specified (Continued)
Distortion vs. f
CLK @ fIN = 9.5 MHz
Distortion vs. f
IN
20025541
20025542
Distortion vs. Clock Duty Cycle @ f
IN = 4.7 MHz
Distortion vs. V
DR @ fIN = 4.7 MHz
20025543
20025544
Distortion vs. V
CM @ fIN = 4.7 MHz
Distortion vs. Temperature
20025545
20025546
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com