Electronic Components Datasheet Search
  English  ▼

X  

ADC10D020 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10D020
Description  Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10D020 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC10D020 Datasheet HTML 1Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 2Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 3Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 4Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 5Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 6Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 7Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 8Page - National Semiconductor (TI) ADC10D020 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
ADC10D020
Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
General Description
The ADC10D020 is a dual low power, high performance
CMOS analog-to-digital converter that digitizes signals to 10
bits resolution at sampling rates up to 30 MSPS while con-
suming a typical 150 mW from a single 3.0V supply. No
missing codes is guaranteed over the full operating tempera-
ture range. The unique two stage architecture achieves 9.5
Effective Bits over the entire Nyquist band at 20 MHz sample
rate. An output formatting choice of straight binary or 2’s
complement coding and a choice of two gain settings eases
the interface to many systems. Also allowing great flexibility
of use is a selectable 10-bit multiplexed or 20-bit parallel
output mode. An offset correction feature minimizes the off-
set error.
To ease interfacing to most low voltage systems, the digital
output power pins of the ADC10D020 can be tied to a
separate supply voltage of 1.5V to 3.6V, making the outputs
compatible with other low voltage systems. When not con-
verting, power consumption can be reduced by pulling the
PD (Power Down) pin high, placing the converter into a low
power state where it typically consumes less than 1 mW and
from which recovery is less than 1 ms. Bringing the STBY
(Standby) pin high places the converter into a standby mode
where power consumption is about 27 mW and from which
recovery is 800 ns.
The ADC10D020’s speed, resolution and single supply op-
eration makes it well suited for a variety of applications,
including high speed portable applications.
Operating over the industrial (−40˚
≤ T
A ≤ +85˚C) tempera-
ture range, the ADC10D020 is available in a 48-pin TQFP. An
evaluation board is available to ease the design effort.
Features
n
Internal sample-and-hold
n
Internal reference capability
n
Dual gain settings
n
Offset correction
n
Selectable straight binary or 2’s complement output
n
Multiplexed or parallel output bus
n
Single +2.7V to 3.6V operation
n
Power down and standby modes
Key Specifications
n
Resolution
10 Bits
n
Conversion Rate
20 MSPS
n
ENOB
9.5 Bits (typ)
n
DNL
0.35 LSB (typ)
n
Conversion Latency Parallel Outputs
2.5 Clock Cycles
— Multiplexed Outputs, I Data Bus
2.5 Clock Cycles
— Multiplexed Outputs, Q Data Bus
3 Clock Cycles
n
PSRR
90 dB
n
Power Consumption — Normal Operation
150 mW (typ)
— Power Down Mode
<1 mW (typ)
— Fast Recovery Standby Mode
27 mW (typ)
Applications
n
Digital Video
n
CCD Imaging
n
Portable Instrumentation
n
Communications
n
Medical Imaging
n
Ultrasound
April 2002
© 2002 National Semiconductor Corporation
DS200255
www.national.com


Similar Part No. - ADC10D020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10D020 TI1-ADC10D020 Datasheet
1Mb / 40P
ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 TI1-ADC10D020 Datasheet
1Mb / 39P
ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVS TI1-ADC10D020CIVS Datasheet
1Mb / 40P
ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVS TI1-ADC10D020CIVS Datasheet
1Mb / 39P
ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVS/NOPB TI1-ADC10D020CIVS/NOPB Datasheet
1Mb / 39P
ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
More results

Similar Description - ADC10D020

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
14-Bit, 20 MSPS, 150 mW A/D Converter
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
14-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 TI1-ADC10D020_14 Datasheet
1Mb / 40P
ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 TI1-ADC10D020_15 Datasheet
1Mb / 39P
ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com