| Electronic Components Datasheet Search |
|
LM8500 Datasheet(PDF) 10 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM8500 Datasheet(HTML) 10 Page - National Semiconductor (TI) |
|
10 / 20 page ![]() 4.0 Functional Description (Continued) PC Command PC Byte 1 PC Byte 2 TSC Byte 1 TSC Byte 2 Set max delta (# of pixels from predicted coordinate) $BC $00-$3F $CA $00-$3F Set calibration points $BD 4.3.3 Advanced Command Bytes Descriptions $CA 4.3.3 Advanced Command Bytes Descriptions Set minimum pressure $BE $00-$7F $CA $00-$7F Toggle disable/enable external filter path $A0 $CA $00, $01 Toggle disable/enable self power-down $A2 $CA $00, $01 Toggle disable/enable echo mode $A3 $CA $00, $01 Toggle disable/enable pressure measurements $A4 $CA $00, $01 Toggle disable/enable calibration coordinate check $A5 $CA $00, $01 Wakeup $A7 Shutdown $A8 $CA Soft reset $AF $CA $CB, $CC TSC Replies Timeout $CF Re-send $CE Self test failed $CC Self test ok $CB Acknowledge $CA Calibration coordinates ok $C4 Error / buffer overrun $C8 Software version $C7 $0-$7F Data transmit $80/$90 Payload (3/4 bytes) 4.3.3 Advanced Command Bytes Descriptions Unless otherwise mentioned, all values are in hex. $B0: Read clock-speed Reply Byte #1: $CA (Acknowledge) Byte #2: Clock readout (0 = 3.3MHz, 1 = 10MHz) CLK_SEL pin tells the firmware which oscillator speed is used. If the CLK_SEL input pin is floating or pulled high a 10.0MHz oscillator must be connected. If the pin is pulled low a 3.3MHz oscillator must be connected. This command enables the driver software to determine which oscillator speed is used with the touch screen controller, as this deter- mines the maximum coordinate pair per second data rates. Note: This is available in the LM8500 only. $B1: Read parameters Reply Byte #1: $CA (Acknowledge) Reply Byte #2: First byte in software version number, year 20 (00-99) Reply Byte #3: Communication mode (1 = stream, 2 = touchdown, 4 = liftoff) Byte #4: Wakeup on touch (0 = disabled, 1 = enabled) Reply Byte #5: Number of samples (1,2, 4, 8, 16 or 32) Byte #6: Clock readout (0 = 3.3MHz, 1 = 10MHz) Byte #7: Second byte in software version number, month (1-12) Byte #8: Third byte in software version number, day (1-31) Byte #9: Focus value (0-63) Byte #10: Max delta (0-63) Byte #11: Number of calibration coordinates (0, 2, 5 or 13) Byte #12: Toggle-flags: Bit #5: calibration coordinates check (0=disabled, 1=enabled) Bit #4: Pressure measurement (0=disabled, 1=enabled) Bit #3: Echo mode (0=disabled, 1=enabled) Bit #2: Self Power-Down mode (0=disabled, 1=enabled) Bit #1: Unused Bit #0: External filter path (0=disabled, 1=enabled) Byte #13: Pressure threshold for valid touch This command allows the user to read all the selected pa- rameters. It is primary intended to aid in debugging. This command can also be used if a configuration utility needs to determine the current setting of controller. www.national.com 10 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |