Electronic Components Datasheet Search
  English  ▼

X  

LM8500 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8500
Description  Four Wire Resistive Touchscreen Controller with Brownout
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8500 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM8500 Datasheet HTML 12Page - National Semiconductor (TI) LM8500 Datasheet HTML 13Page - National Semiconductor (TI) LM8500 Datasheet HTML 14Page - National Semiconductor (TI) LM8500 Datasheet HTML 15Page - National Semiconductor (TI) LM8500 Datasheet HTML 16Page - National Semiconductor (TI) LM8500 Datasheet HTML 17Page - National Semiconductor (TI) LM8500 Datasheet HTML 18Page - National Semiconductor (TI) LM8500 Datasheet HTML 19Page - National Semiconductor (TI) LM8500 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
9.0 Calibration (Continued)
9.2 Calibration Procedures with Coordinates Checking
Enabled
To do TS calibration with coordinates checking enabled, first
ensure the Calibration Coordinates Checking is enabled on
the device. This can be accomplished by sending a com-
mand byte of $B1 (Read Parameters command) and check-
ing the 5th bit of the 12th reply byte is set. Alternatively, if the
device is set to Calibration Coordinates Checking enabled
as default, this step can be skipped.
The TS driver sends the command byte to do calibration
($BD). The TS driver should wait for the reply bytes and
ensure it is the same command bytes it sent. The device
waits for a touch to be detected on the panel. Once a touch
is detected, the device checks it against the predetermined
calibration values as noted on Table 4, Table 5 , and Table 6.
If the detected touch is within the predefined value (±127 of
the raw A/D value), the device will send a command of $C4
to the TS driver and store the calibration point in the internal
flash. The TS driver can now send a command byte to do the
next calibration point. If the detected touch is not within the
predefined value, the device will send a reply byte of $C8 to
the TS driver. Upon receiving this reply byte, the TS driver
can resend the calibration command for the same calibration
point, go the next calibration point, or abort the calibration
process.
Once all the calibration points are done, the device does a
self-test. If the self-test was not successful, the device will
send a reply byte of $CC to the TS driver. At this point, the
TS driver should either notify the user to redo the calibration
point or automatically redo the calibration again. If the self-
test was successful, the device will send a reply byte of $CB
to the TS driver.
9.3 Calibration Procedures with Coordinates Checking
Disabled
To do TS calibration with coordinates checking disabled, first
ensure the Calibration Coordinates Checking is disabled on
the device. This can be accomplished by sending a com-
mand byte of $B1 (Read Parameters command) and check-
ing the 5th bit of the 12th reply byte is not set. Alternatively,
if the device is set to Calibration Coordinates Checking
disabled as default, this step can be skipped.
The TS driver sends the command byte to do calibration
($BD). The TS driver should wait for the reply bytes and
ensure it is the same command bytes it sent. The device
waits for a touch to be detected on the panel. Once a touch
is detected, the device save the values into the internal flash
and send a reply byte of $C4 to the TS driver. The TS driver
can now send a command byte to do the next calibration
point. Since the Calibration Checking is disabled, the TS
driver should ensure the calibration point is within the range
of the calibration cross.
Once all the calibration points are done, the device does a
self-test. If the self-test was not successful, the device will
send a reply byte of $CC to the TS driver. At this point, the
TS driver should either notify the user to redo the calibration
point or automatically redo the calibration again. If the self-
test was successful, the device will send a reply byte of $CB
to the TS driver.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com