Electronic Components Datasheet Search
  English  ▼

X  

AP1515 Datasheet(PDF) 6 Page - Anachip Corp

Part # AP1515
Description  150KHz, 1.5A PWM Buck DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1515 Datasheet(HTML) 6 Page - Anachip Corp

  AP1515 Datasheet HTML 1Page - Anachip Corp AP1515 Datasheet HTML 2Page - Anachip Corp AP1515 Datasheet HTML 3Page - Anachip Corp AP1515 Datasheet HTML 4Page - Anachip Corp AP1515 Datasheet HTML 5Page - Anachip Corp AP1515 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AP1515
150KHz, 1.5A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Oct 29, 2004
6/6
Function Description
Pin Functions
+VIN
This is the positive input supply for the IC switching
regulator. A suitable input bypass capacitor must be
present at this pin to minimize voltage transients
and to supply the switching currents needed by the
regulator.
Ground
Circuit ground.
Output
Internal switch. The voltage at this pin switches
between (+VIN – VSAT) and approximately – 0.5V,
with a duty cycle of approximately VOUT / VIN. To
minimize coupling to sensitive circuitry, the PC
board copper area connected to this pin should be
kept a minimum.
Feedback
Senses the regulated output voltage to complete
the feedback loop.
Marking Information
SIP-4L
1515
Part Number: AP1515
Y: Year:
( Top View )
"2" = 2002
"1" = 2001
Y WW X
WW: Nth week: 01~52
X: Internal code
Date Code
Output Type: Adjustable
15-33
Part Number : AP1515
Y: Year:
( Top View )
"2" = 2002
"1" = 2001
Y WW X
WW: Nth week: 01~52
X: Internal code
Date Code
-33: Output Type: 3.3V
Package Information
Package Type: SIP-4L
14.25mm
+/-1.25mm
1.03mm
+/-0.1
1.55mm
+/-0.1mm
0.38mm
+/-0.03mm
3.65mm
+/-0.1mm
1.42mm+/-0.1mm
1.27mm
+/-0.03mm
0.41mm
+/-0.03mm
0.30mm
+/-0.1mm
0.46mm +/-0.03mm
0.2mm Max.
5
o
-7
o
o
3
o
-5
o
3
o-5
5
o
-7
o



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com