Electronic Components Datasheet Search
  English  ▼

X  

AP1515 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1515
Description  150KHz, 1.5A PWM Buck DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1515 Datasheet(HTML) 1 Page - Anachip Corp

  AP1515 Datasheet HTML 1Page - Anachip Corp AP1515 Datasheet HTML 2Page - Anachip Corp AP1515 Datasheet HTML 3Page - Anachip Corp AP1515 Datasheet HTML 4Page - Anachip Corp AP1515 Datasheet HTML 5Page - Anachip Corp AP1515 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP1515
150KHz, 1.5A PWM Buck DC/DC Converter
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.0 Oct 29, 2004
1/6
Features
- Output voltage: 3.3V and adjustable output
version
- Adjustable version output voltage range, 1.23V to
18V+4%
- 150KHz +15% fixed switching frequency
- Voltage mode non-synchronous PWM control
- Thermal-shutdown and current-limit protection
- Operating voltage can be up to 22V
- Output load current: 1.5A
- SIP-4L Pb-Free package
- Low power standby mode
- Built-in switching transistor on chip
- Very Low Cost
Applications
- Simple High-efficiency step-down regulator
- On-card switching regulators
- Positive to negative converter
General Description
The AP1515 series are monolithic IC designed for a
step-down DC/DC converter, and own the ability of
driving a 1.5A load without additional transistor
component. Due to reducing the number of external
component, the board space can be saved easily.
The external shutdown function can be controlled
by logic level and then come into standby mode.
The internal compensation makes feedback control
have good line and load regulation without external
design. Regarding protected function, thermal
shutdown is to prevent over temperature operating
from damage, and current limit is against over
current operating of the output switch. If current
limit function occurred and VFB is down to 0.5V
below, the switching frequency will be reduced.
The AP1515 series operates at a switching
frequency of 150KHz thus allowing smaller sized
filter components than what would be needed with
lower
frequency
switching
regulators.
Other
features include a guaranteed +4% tolerance on
output voltage under specified input voltage and
output load conditions, and +15% on the oscillator
frequency. The output version included fixed 3.3V
and an adjustable type. The packages are available
in a standard 4-lead SIP-4L package.
Pin Assignments
1515
12
4
3
1 : V
IN
2 : Output
3 : FB
4 : GND
(Front View)
SIP-4L
Pin Descriptions
Name
Description
VIN
Operating voltage input
Output
Switching output
FB
Output voltage feedback control
GND
Ground


Similar Part No. - AP1515

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1515-33P ANACHIP-AP1515-33P Datasheet
196Kb / 9P
150KHz, 1.5A PWM Buck DC/DC Converter
Rev.1.1 Oct 24, 2005
AP1515-33PA ANACHIP-AP1515-33PA Datasheet
196Kb / 9P
150KHz, 1.5A PWM Buck DC/DC Converter
Rev.1.1 Oct 24, 2005
AP1515-33S ANACHIP-AP1515-33S Datasheet
196Kb / 9P
150KHz, 1.5A PWM Buck DC/DC Converter
Rev.1.1 Oct 24, 2005
AP1515-33SA ANACHIP-AP1515-33SA Datasheet
196Kb / 9P
150KHz, 1.5A PWM Buck DC/DC Converter
Rev.1.1 Oct 24, 2005
AP1515 ANACHIP-AP1515_1 Datasheet
196Kb / 9P
150KHz, 1.5A PWM Buck DC/DC Converter
Rev.1.1 Oct 24, 2005
More results

Similar Description - AP1515

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
150Khz, 5A PWM Buck DC/DC Converter
Rev. 0.4 Feb 19, 2004
logo
Unisonic Technologies
P1596 UTC-P1596 Datasheet
223Kb / 8P
150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1515 ANACHIP-AP1515_1 Datasheet
196Kb / 9P
150KHz, 1.5A PWM Buck DC/DC Converter
Rev.1.1 Oct 24, 2005
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com