Electronic Components Datasheet Search
  English  ▼

X  

CDC7005 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDC7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC7005 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDC7005 Datasheet HTML 9Page - Texas Instruments CDC7005 Datasheet HTML 10Page - Texas Instruments CDC7005 Datasheet HTML 11Page - Texas Instruments CDC7005 Datasheet HTML 12Page - Texas Instruments CDC7005 Datasheet HTML 13Page - Texas Instruments CDC7005 Datasheet HTML 14Page - Texas Instruments CDC7005 Datasheet HTML 15Page - Texas Instruments CDC7005 Datasheet HTML 16Page - Texas Instruments CDC7005 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
CDC7005
3.3V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
SCAS685E − DECEMBER 2002 − REVISED NOVEMBER 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, VCC, AVCC
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 4)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 4)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current (VI < 0, VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current for LVPECL outputs (0 < VO < VCC)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
125
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 5): ZVA package
54
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
4. The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
5. The package thermal impedance is calculated in accordance with JESD 51 (no airflow condition) and JEDEC2S2P (high-k board).
The total for power consumption (VCC x ICC) includes device and termination power consumptions, see Figure 5.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
Operating free-air temperature, TA
−40
85
°C
Low-level input voltage LVCMOS, VIL
0.3 VCC
V
High-level input voltage LVCMOS, VIH
0.7 VCC
V
Input threshold voltage LVCMOS, VIT
0.5 VCC
V
High-level output current LVCMOS, IOH
−6
mA
Low-level output current LVCMOS, IOL
6
mA
Input voltage range LVCMOS, VI
0
3.6
V
Low-level input voltage LVPECL, VIL
VCC−1.81
VCC−1.475
V
High-level input voltage LVPECL, VIH
VCC−1.26
VCC−0.88
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com