Electronic Components Datasheet Search
  English  ▼

X  

CDC7005 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CDC7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC7005 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CDC7005 Datasheet HTML 19Page - Texas Instruments CDC7005 Datasheet HTML 20Page - Texas Instruments CDC7005 Datasheet HTML 21Page - Texas Instruments CDC7005 Datasheet HTML 22Page - Texas Instruments CDC7005 Datasheet HTML 23Page - Texas Instruments CDC7005 Datasheet HTML 24Page - Texas Instruments CDC7005 Datasheet HTML 25Page - Texas Instruments CDC7005 Datasheet HTML 26Page - Texas Instruments CDC7005 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
CDC7005
3.3V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
SCAS685E − DECEMBER 2002 − REVISED NOVEMBER 2004
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Yn
Yn
VOH
VOL
50% VCC
REF_IN
VIH
VIL
tpho
Figure 12. Phase Offset
ZO = 50 Ω
VT+VCC*2 V
50
Ω
50
Ω
CDC7005
Driver
LVPECL
RCVR
VCC
ZO = 50 Ω
Yn
Yn
Figure 13. Typical Termination for Output Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com