Electronic Components Datasheet Search
  English  ▼

X  

LM87CIMT Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM87CIMT
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM87CIMT Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM87CIMT Datasheet HTML 1Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 2Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 3Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 4Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 5Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 6Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 7Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 8Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
DC Electrical Characteristics (Continued)
The following specifications apply for +2.8 V
DC
≤ V+ ≤ +3.8 V
DC, Analog voltage inputs RS = 510
Ω, unless otherwise speci-
fied. Boldface limits apply for T
A =T J =TMIN to TMAX; all other limits TA =TJ = 25 ˚C.(Note 8)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
DAC CHARACTERISTICS
DAC Error
0 ˚C
≤ T
A
≤ +75 ˚C, V+ =
3.3 V, Code = 255
-3.3
% (min)
V
+ = 3.3 V, 3/4 Scale,
code 192
+3.7
%
0˚C
≤ T
A
≤ +75 ˚C, V, V+
= 3.3 V, Code = 8(Note
15)
±3
% (max)
R
L
Output Load Resistance
V
O = 2.5 V
1250
Ω (min)
C
L
Output Load Capacitance
20
pF (max)
FAN RPM-TO-DIGITAL CONVERTER
Fan RPM Error
+25 ˚C
≤ T
A
≤ +75 ˚C
±10
% (max)
−10 ˚C
≤ T
A
≤ +100 ˚C
±15
% (max)
−40 ˚C
≤ T
A
≤ +125 ˚C
±20
% (max)
Full-scale Count
255
(max)
FAN1 and FAN2 Nominal Input
RPM (See Section 6.0)
Divisor = 1, Fan Count =
153 (Note 16)
8800
RPM
Divisor = 2, Fan Count =
153 (Note 16)
4400
RPM
Divisor = 3, Fan Count =
153 (Note 16)
2200
RPM
Divisor = 4, Fan Count =
153 (Note 16)
1100
RPM
DIGITAL OUTPUTS (NTEST_OUT)
V
OUT(1)
Logical “1” Output Voltage
I
OUT = ±3.0 mA at
V
+ = +2.8 V
2.4
V (min)
V
OUT(0)
Logical “0” Output Voltage
I
OUT = ±3.0 mA at
V
+ = +3.8 V
0.4
V (max)
OPEN- DRAIN DIGITAL OUTPUTS (SMBData, RESET#, CI, INT#, THERM#)
V
OUT(0)
Logical “0” Output Voltage (SMBData)
I
OUT = −755 µA
0.4
V (min)
V
OUT(0)
Logical “0” Output Voltage (Others)
I
OUT =−3 mA
0.4
V (min)
I
OH
High Level Output Current
V
OUT =V
+
5
12
µA (max)
RESET# and Chassis Intrusion
45
20
ms (min)
Pulse Width
DIGITAL INPUTS: VID0–VID4, NTEST_IN, ADD/NTEST_OUT, Chassis Intrusion (CI)
V
IN(1)
Logical “1” Input Voltage
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
0.8
V (max)
SMBus DIGITAL INPUTS (SMBCLK, SMBData)
V
IN(1)
Logical “1” Input Voltage
2.1
V (min)
V
IN(0)
Logical “0” Input Voltage
0.8
V (max)
V
HYST
Input Hysteresis Voltage
243
mV
Tach Pulse Logic Inputs (FAN1, FAN2)
V
IN(1)
Logical “1” Input Voltage
0.7xV
+
V (min)
V
IN(0)
Logical “0” Input Voltage
0.3xV
+
V (max)
ALL DIGITAL INPUTS
I
IN(1)
Logical “1” Input Current
V
IN =V
+
−12
µA (min)
I
IN(0)
Logical “0” Input Current
V
IN =0 VDC
12
µA (max)
C
IN
Digital Input Capacitance
20
pF
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com