Electronic Components Datasheet Search
  English  ▼

X  

LM87CIMT Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM87CIMT
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM87CIMT Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM87CIMT Datasheet HTML 14Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 15Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 16Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 17Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 18Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 19Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 20Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 21Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Functional Description (Continued)
η from part to part. As an example, assume a temperature
sensor has an accuracy specification of ±3˚C at room tem-
perature of 25˚C and the process used to manufacture the
diode has a non-ideality variation of ±1%. The resulting
accuracy of the temperature sensor at room temperature will
be:
T
ACC = ± 3˚C+(±1% of 298˚K) = ±6˚C
.
The additional inaccuracy in the temperature measurement
caused by
η, can be eliminated if each temperature sensor is
calibrated with the remote diode that it will be paired with.
8.5 PCB Layout Recommendations for Minimizing
Noise
In a noisy environment, such as a processor mother board,
layout considerations are very critical. Noise induced on
traces running between the remote temperature diode sen-
sor and the LM87 can cause temperature conversion errors.
The following guidelines should be followed:
1.
Place a 0.1 µF power supply bypass capacitor as close
as possible to the V
CC pin and the recommended 2.2 nF
capacitor as close as possible to the D+ and D− pins.
Make sure the traces to the 2.2 nF capacitor are
matched.
2.
Ideally, the LM87 should be placed within 10 cm of the
Processor diode pins with the traces being as straight,
short and identical as possible.
3.
Diode traces should be surrounded by a GND guard ring
to either side, above and below if possible. This GND
guard should not be between the D+ and D− lines. In the
event that noise does couple to the diode lines it would
be ideal if it is coupled common mode. That is equally to
the D+ and D− lines.
4.
Avoid routing diode traces in close proximity to power
supply switching or filtering inductors.
5.
Avoid running diode traces close to or parallel to high
speed digital and bus lines. Diode traces should be kept
at least 2 cm. apart from the high speed digital traces.
6.
If it is necessary to cross high speed digital traces, the
diode traces and the high speed digital traces should
cross at a 90 degree angle.
7.
The ideal place to connect the LM87’s GND pin is as
close as possible to the Processors GND associated
with the sense diode. For the Pentium II this would be
pin A14.
Noise on the digital lines, overshoot greater than V
CC and
undershoot less than GND, may prevent successful SMBus
communication with the LM87. SMBus no acknowledge is
the most common symptom, causing unnecessary traffic on
the bus. Although, the SMBus maximum frequency of com-
munication is rather low (400 kHz max) care still needs to be
taken to ensure proper termination within a system with
multiple parts on the bus and long printed circuit board
traces. A lowpass filter, in series with the SMBCLK and
SMBData, has been added internally to the LM87 for noise
immunity. The lowpass filter has a typical cutoff frequency of
20MHz. Additional noise immunity can be achieved by plac-
ing a resistor (4.7k to 5.1k Ohms) in series with the SMBCLK
input as close to the LM87 as possible. This resistance, in
conjunction with the IC input capacitance, reduces high fre-
quency noise seen at the SMBCLK input and increases the
reliability of communications.
10099535
FIGURE 9. Recommended Diode Trace Layout
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com