Electronic Components Datasheet Search
  English  ▼

X  

BL652-SC Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # BL652-SC
Description  Input with active low logic. Internal pull down
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BL652-SC Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  BL652-SC Datasheet HTML 1Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 2Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 3Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 4Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 5Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 6Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 7Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 8Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
BL652
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
2
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
REVISION HISTORY
Version
Date
Notes
Approver
1.0
20 July 2016
Initial Release
Jonathan Kaye
1.1
30 Aug 2016
Corrected Operating Temperature voltage to read
VCC 1.8 V-3.6 V rather than 1.7 V-3.6V
Corrected minor formatting issues and typo
Changed the SIO_02 pin # (OTA mode table) to 23 vs. 21
Raj Khatri
1.2
02 Sept 2016
Added missing BT SIG info
Updated Declaration of Conformity
Added text to Note 1 of Pin Definition Notes
Fixed error in Note 13 of Pin Definition Notes
Jonathan Kaye/
Raj Khatri
1.3
14 Sept 2016
Updated BT SIG section
Jonathan Kaye
1.4
14 Oct 2016
Updates to JTAG Signals and wiring
Raj Khatri
1.5
15 Nov 2016
Fix SIO_12 reference to SIO_02 in vSP Command Mode
Raj Khatri
1.6
14 Feb 2017
Fixed UART Interface pins in Table 20
Mark Duncombe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com