Electronic Components Datasheet Search
  English  ▼

X  

BL652-SC Datasheet(PDF) 32 Page - Laird Tech Smart Technology

Part # BL652-SC
Description  Input with active low logic. Internal pull down
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BL652-SC Datasheet(HTML) 32 Page - Laird Tech Smart Technology

Back Button BL652-SC Datasheet HTML 28Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 29Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 30Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 31Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 32Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 33Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 34Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 35Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 36Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
BL652
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
32
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
TX power: -8 dBm
Connection
29 byte payload (2.3 ms)
7.5 ms interval
Average BLE connection burst current
(excluding connection Interval): 1.492
mA
Aside:
Peak RX current: 5.92 mA
Peak TX current: 4.58 mA
TX power: -12 dBm
Connection
29 byte payload (2.3 ms)
7.5 ms interval
Average BLE connection burst current
(excluding connection Interval):
1.488 mA
Aside:
Peak RX current: 5.93 mA
Peak TX current: 4.30 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com