Electronic Components Datasheet Search
  English  ▼

X  

ZSSC4151 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ZSSC4151
Description  Automotive Sensor Signal Conditioner
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC4151 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ZSSC4151 Datasheet HTML 4Page - Integrated Device Technology ZSSC4151 Datasheet HTML 5Page - Integrated Device Technology ZSSC4151 Datasheet HTML 6Page - Integrated Device Technology ZSSC4151 Datasheet HTML 7Page - Integrated Device Technology ZSSC4151 Datasheet HTML 8Page - Integrated Device Technology ZSSC4151 Datasheet HTML 9Page - Integrated Device Technology ZSSC4151 Datasheet HTML 10Page - Integrated Device Technology ZSSC4151 Datasheet HTML 11Page - Integrated Device Technology ZSSC4151 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ZSSC4151 Datasheet
© 2016 Integrated Device Technology, Inc.
8
April 20, 2016
2.4.
Interface Characteristics and Nonvolatile Memory
Table 2.4
Interface Characteristics and Nonvolatile Memory
Note: See important table notes at the end of the table.
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
2.4.1.
I
2CTM Interface
2.4.1.1
I
2C™ voltage level HIGH 1)
VI2C_HIGH
0.5
VDDA
2.4.1.2
I
2C™ voltage level LOW 1)
VI2C_LOW
0.2
VDDA
2.4.1.3
Slave output level LOW
1)
VI2C_LOW_OUT
Open drain, IOL < 4mA
0.1
VDDA
2.4.1.4
SDA load capacitance
1)
CI2C_SDA
400
pF
2.4.1.5
SCL clock frequency
1)
fI2C
400
kHz
2.4.1.6
Internal pull-up resistor
1)
RI2C_PULLUP
25
100
k
Ω
2.4.2.
ZACwire™ One-Wire Interface
(OWI at AOUT pin)
2.4.2.1
OWI voltage level HIGH
1)
VOWI_IN_H
Master to slave
0.75
VDDE
2.4.2.2
OWI voltage level LOW
1)
VOWI_IN_L
Master to slave
0.2
VDDE
2.4.2.3
Slave output level LOW
1)
VOWI_OUT_L
Open drain, IOL
≤ 2mA
0.1
VDDE
2.4.2.4
Start window
1)
tOWI_STARTWIN
100
300
ms
2.4.2.5
Bus free time
tOWI_IDLE
Between stop and next
start
25
µs
2.4.2.6
Hold time start condition
tOWI_START
Valid minimum fclk
25
µs
2.4.2.7
Bit time
tOWI_BIT
Maximum range
20
8000
µs
Typical operating range
40
4000
µs
2.4.2.8
Duty ratio bit ‘0’
tOWI_0
0.125
0.25
0.375
tOWI_BIT
2.4.2.9
Duty ratio bit ‘1’
tOWI_1
0.625
0.75
0.875
tOWI_BIT
2.4.2.10
Hold time stop condition
tOWI_STOP
tOWI_BIT_L is the bit time
of the last valid bit
2
tOWI_BIT_L
2.4.2.11
Bit period deviation
tOWI_BIT_DEV
0.55
1.0
1.5
tOWI_BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com