Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3136 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ZSSC3136
Description  Sensor Signal Conditioner for Safety Switch Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3136 Datasheet(HTML) 5 Page - Integrated Device Technology

  ZSSC3136 Datasheet HTML 1Page - Integrated Device Technology ZSSC3136 Datasheet HTML 2Page - Integrated Device Technology ZSSC3136 Datasheet HTML 3Page - Integrated Device Technology ZSSC3136 Datasheet HTML 4Page - Integrated Device Technology ZSSC3136 Datasheet HTML 5Page - Integrated Device Technology ZSSC3136 Datasheet HTML 6Page - Integrated Device Technology ZSSC3136 Datasheet HTML 7Page - Integrated Device Technology ZSSC3136 Datasheet HTML 8Page - Integrated Device Technology ZSSC3136 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ZSSC3136 Datasheet
© 2016 Integrated Device Technology, Inc.
5
January 22, 2016
1
Electrical Characteristics
1.1.
Absolute Maximum Ratings
Parameters apply in operation temperature range and without time limitations.
Table 1.1
Absolute Maximum Ratings
No.
Parameter
Symbol
Conditions
Min
Max
Unit
1.1.1
Supply voltage
1)
VDDEAMR
To VSSE, refer to
section 3 for application
circuits
-33
33
VDC
1.1.2
Potential at AOUT pin
1)
VOUT
Referenced to VSSE
-33
33
VDC
1.1.3
Analog supply voltage
1)
VDDAAMR
Referenced to VSSA,
VDDE - VDDA < 0.35V
-0.3
6.5
VDC
1.1.4
Voltage at all analog and
digital IO pins
VA_IO
VD_IO
Referenced to VSSA
-0.3
VDDA + 0.3
VDC
1.1.5
Storage temperature
TSTG
-55
150
°C
1)
Refer to the ZSSC313x Technical Note—High Voltage Protection for specification and detailed conditions.
1.2.
Operating Conditions
All voltages are referenced to VSSA.
Table 1.2
Operating Conditions
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.2.1
Ambient temperature
1) 2)
TAMB_TQE
Extended Temperature
Range (TQE)
-40
150
°C
TAMB_TQA
Advanced-Performance
Temperature Range
(TQA)
-40
125
°C
TAMB_TQI
Best-Performance
Temperature Range (TQI)
-25
85
°C
1.2.2
Supply voltage
VDDE
4.5
5.0
5.5
VDC
1.2.3
Bridge resistance
3) 4)
RBR
2
25
k
Ω
1)
Maximum operation temperature range depends on product version (refer to section 8).
2)
See the temperature profile description in the ZSSC313x Technical Note Die & Package Dimensions.
3)
No measurement in mass production, parameter is guaranteed by design and/or quality observation.
4)
Symmetric behavior and identical electrical properties (especially the low pass characteristic) of both sensor inputs of the ZSSC3136 are required.
Unsymmetrical conditions of the sensor and/or external components connected to the sensor input pins of the ZSSC3136can generate a failure in
signal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com