Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3136 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ZSSC3136
Description  Sensor Signal Conditioner for Safety Switch Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3136 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ZSSC3136 Datasheet HTML 6Page - Integrated Device Technology ZSSC3136 Datasheet HTML 7Page - Integrated Device Technology ZSSC3136 Datasheet HTML 8Page - Integrated Device Technology ZSSC3136 Datasheet HTML 9Page - Integrated Device Technology ZSSC3136 Datasheet HTML 10Page - Integrated Device Technology ZSSC3136 Datasheet HTML 11Page - Integrated Device Technology ZSSC3136 Datasheet HTML 12Page - Integrated Device Technology ZSSC3136 Datasheet HTML 13Page - Integrated Device Technology ZSSC3136 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ZSSC3136 Datasheet
© 2016 Integrated Device Technology, Inc.
10
January 22, 2016
2
Circuit Description
2.1.
Signal Flow
The ZSSC3136’s signal path is partly analog and partly digital. The analog section is differential – this means the
differential bridge sensor signal is internally handled via two signal lines that are rejected symmetrically around an
internal common mode potential (analog ground = VDDA/2).
As a result of the differential design, it is possible to amplify positive and negative input signals that are within the
common mode range of the signal input.
Figure 2.1
Block Diagram of the ZSSC3136
ZSSC3136
PGA
ADC
CMC
DAC
BAMP
TS
EEPROM
RAM
ROM
ZACwire™
I
2C™ *
Analog
Output
Digital
Data I/O
TSEXT
Analog Domain
Digital Domain
* Note: I
2C™ is a trademark of NXP.
PGA
Programmable Gain Amplifier
TS
On-chip Temperature Sensor (pn-junction)
TSEXT
External Temperature Sensor (pn-junction)
MUX
Multiplexer
ADC
Analog-to-Digital Converter
CMC
Calibration Microcontroller
ROM
Read-Only Memory for Correction Formula and Algorithm
RAM
Volatile Memory for Calibration Parameters and Configuration
EEPROM
Non-volatile Memory for Calibration Parameters and Configuration
DAC
Digital-to-Analog Converter
BAMP
Output Buffer Amplifier
The differential signal from the bridge sensor is pre-amplified by the programmable gain amplifier (PGA). The
multiplexer (MUX) transmits the signals from either the bridge sensor or the internal or external temperature
sensor to the analog-to-digital converter (ADC) in a specific sequence. The ADC converts these signals into
digital values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com