Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3036 Datasheet(PDF) 33 Page - Integrated Device Technology

Part # ZSSC3036
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3036 Datasheet(HTML) 33 Page - Integrated Device Technology

Back Button ZSSC3036 Datasheet HTML 29Page - Integrated Device Technology ZSSC3036 Datasheet HTML 30Page - Integrated Device Technology ZSSC3036 Datasheet HTML 31Page - Integrated Device Technology ZSSC3036 Datasheet HTML 32Page - Integrated Device Technology ZSSC3036 Datasheet HTML 33Page - Integrated Device Technology ZSSC3036 Datasheet HTML 34Page - Integrated Device Technology ZSSC3036 Datasheet HTML 35Page - Integrated Device Technology ZSSC3036 Datasheet HTML 36Page - Integrated Device Technology ZSSC3036 Datasheet HTML 37Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
ZSSC3036 Datasheet
© 2016 Integrated Device Technology, Inc.
33
April 20, 2016
MTP
Address
Word / Bit
Range
Default
Setting
Description
Notes / Explanations
Signal Conditioning Parameters
03HEX
0
0BIN
Offset_B[16]
Bridge offset, bit[16]—functions as the MSB and
combines with Offset_B[15:0] in 05HEX to form the
17-bit coefficient’s absolute value
1
0BIN
Offset_B_sign
Sign for sensor bridge offset (Offset_B):
0 => a positive value or
1 => a negative value
2
0BIN
Gain_B[16]
Bridge gain, bit[16] —functions as the MSB and
combines with Gain_B[15:0] in 06HEX to form the
17-bit coefficient’s absolute value
3
0BIN
Gain_B_sign
Sign of the sensor bridge gain (Gain_B):
0 => a positive value or
1 => a negative value
4
0BIN
Tcg[16]
1
st-order temperature coefficient of the bridge gain,
bit[16] —functions as the MSB and combines with
Tcg[15:0] in 07HEX to form the 17-bit coefficient’s
absolute value
5
0BIN
Tcg_sign
Sign of 1
st-order temperature coefficient (Tcg):
0 => a positive value or
1 => a negative value
6
0BIN
Tco[16]
1
st-order temperature coefficient of the bridge offset,
bit[16] —functions as the MSB and combines with
Tco[15:0] in 08HEX to form the 17-bit coefficient’s
absolute value
7
0BIN
Tco_sign
Sign of 1
st-order temperature coefficient (Tco):
0 => a positive value or
1 => a negative value
8
0BIN
SOT_tco[16]
2
nd-order temperature coefficient of the bridge offset,
bit[16] —functions as the MSB and combines with
SOT_tco[15:0] in 09HEX to form the 17-bit
coefficient’s absolute value
9
0BIN
SOT_tco_sign
Separate sign setting for 2
nd-order temperature
coefficient (SOT_tco):
0 => a positive value or
1 => a negative value
10
0BIN
SOT_tcg[16]
2
nd-order temperature coefficient of the bridge gain,
bit[16] —functions as the MSB and combines with
SOT_tcg[15:0] in 0AHEX to form the 17-bit
coefficient’s absolute value
11
0BIN
SOT_tcg_sign
Separate sign setting for 2
nd-order temperature
coefficient (SOT_tcg):
0 => a positive value or
1 => a negative value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com