Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3036 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ZSSC3036
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3036 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ZSSC3036 Datasheet HTML 4Page - Integrated Device Technology ZSSC3036 Datasheet HTML 5Page - Integrated Device Technology ZSSC3036 Datasheet HTML 6Page - Integrated Device Technology ZSSC3036 Datasheet HTML 7Page - Integrated Device Technology ZSSC3036 Datasheet HTML 8Page - Integrated Device Technology ZSSC3036 Datasheet HTML 9Page - Integrated Device Technology ZSSC3036 Datasheet HTML 10Page - Integrated Device Technology ZSSC3036 Datasheet HTML 11Page - Integrated Device Technology ZSSC3036 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
ZSSC3036 Datasheet
© 2016 Integrated Device Technology, Inc.
8
April 20, 2016
Parameter
Symbol
Conditions/Comments
Min
Typ
Max
Unit
Analog-to-Digital Converter (ADC, A2D)
Resolution
rADC
10
16
Bit
ADC Clock Frequency
fADC
Internal ADC clock
1.3
1.5
1.7
MHz
Reference Voltage n
Vrefn
VDDB
* 0.03
Reference Voltage p
Vrefp
VDDB
* 0.97
Offset
A2D_Offset
8-step programmable offset
1/16
8/16
Integral Nonlinearity (INL)
INLADC
Based on ideal slope
-4
-
+4
LSB
Differential Nonlinearity
DNLADC
Tested / verified within design
-1
-
+1
LSB
Conversion Rate, 16-Bit
Single
fS,raw
Conversions per second for single
16-bit A2D conversion
15
-
1015
Hz
Amplifier
Gain
Gamp
32 steps
13.2
72
Gain Error
Gerr
Referenced to nominal gain
-1.5
-
1.5
%
Sensor Signal Conditioning Performance
IC Accuracy Error
1)
ErrA,IC
Accuracy error for ideally linear (in
temperature and measurand)
sensor
0.01
%FSO
Conversion Rate, 16-Bit SSC
fS, SSC
Conversion per second for fully
corrected 16-bit measurement
3.7
245
Hz
Input
Input Voltage Range
VINP, VINN
Input voltage range at INP and INN
0.65
1.05
V
Bridge Resistance
RBR
Full power supply disturbance
rejection (PSRR) capabilities
1
10
50
k
Ω
Reduced PSRR, but full
functionality
100
999
Ω
Power-Up
Start-up Time
tSTA1
VDD ramp up to interface
communication (see section 3.1)
1.3
ms
tSTA2
VDD ramp up to analog operation
3.3
ms
Wake-up Time
tWUP1
Sleep to Active State interface
communication
0.7
ms
tWUP2
Sleep to Active State analog
operation
2.7
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com