Electronic Components Datasheet Search
  English  ▼

X  

ML70.100 Datasheet(PDF) 2 Page - PULS GmbH

Part # ML70.100
Description  DC 24-28V / 72W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML70.100 Datasheet(HTML) 2 Page - PULS GmbH

  ML70.100 Datasheet HTML 1Page - PULS GmbH ML70.100 Datasheet HTML 2Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input
Input voltage
AC 100-120/220-240V (switchable), 47...63Hz
(AC 85...132V / AC 184...264V, DC 220...375V)
Input current
<1.6A (@ AC 100V, 72W Pout)
<0.8A (@ AC 220V, 72W Pout)
External fusing
Not required, unit provides internal fuse
(T3A15H, not accessible)
Transient immunity
Transient resistance acc. to VDE 0160 / W2
(750V / 1.3ms), over entire load range
Hold-up time
(see diagram below)
>25ms @ AC 100V, 24V / 3A
>27ms @ AC 196V, 24V / 3A
>40ms @ AC 230V, 24V / 3A
Efficiency, Reliability
Efficiency
Losses
typ. 89%
(AC 230V, 24V / 3A)
(see also diagram below)
typ. 8.7W
(AC 230V, 24V / 3A)
MTBF (Reliability)
appr. 600.000h acc. Siemensnorm SN29500
(24V / 3A, AC 230V, Tamb = +40°C)
Prior to shipment, every unit undergoes the following tests in order to
isolate any defective units which might suffer an early failure:
• Run-in / burn-in (Full load, Tamb = +60°C, on/off cycle)
• Functional test (100%)
Construction, Mechanics, Installation
Robust plastic housing (US Patent No. D442, 923S), fine ventilation grid
on three housing sides to keep out small parts (e.g. screws), IP20
Dimensions and weight
• W x H x D
•Weight
45mm x 75mm x 91mm (+ DIN rail)
Depth incl. terminals: 91mm (+ DIN rail)
260g
Mounting orientation
,
or
(cf. ’Output’)
Ventilation/Cooling
• Free space f. cooling
Normal convection, no fan required
recom’d.: 25mm on sides with ventilation grid
Easy snap-on mounting onto the DIN Rail (TS35/7,5 or TS35/15).
Unit sits safely and firmly on the rail; no tools required even to remove
Connection
by Spring Clamp terminals; uniformly firm hold,
vibration-resistant and maintenance-free:
2 terminals per output
Connector size range
• flexible cable
• solid cable
• Wire strip length
0.3-2.5mm2 (28-12 AWG)
0.3-4mm2 (28-12 AWG)
Ferrules admissible
6mm (0.24in) recommended
Diagrams
0
4
8
12
16
20
24
28
32
0 0,5
1 1,5
2 2,5 3
3,5 4
4,5 5
Output current Iout [A]
Vin = AC 115/230V
0
20
40
60
80
100
120
140
160
80
120
160
200
240
280
Input voltage VACin [V]
Pout=72W, typ.
Pout=72W, min.
Pout=36W, typ.
Pout=36W, min.
50
55
60
65
70
75
80
85
90
95
0,51
1,52
2,53
Output current Iout [A]
230V ACin
115V ACin
0
10
20
30
40
50
60
70
80
-10
0
10
20
30
40
50
60
70
Ambient temperature [°C]
Output characteristic Vout/Iout
(min.)
Efficiency
Hold-up time with ACin
(@ Vout = 24.5V, typ.)
(@ Vout = 24.5V, typ. + min.)
Derating
of output power
a
b
A
Mounting
85-132 V ACin A-a A-a A-b
185-264 V ACin A-a A-a A-b
220-375 V DCin A-a A-a A-b
switch pos.
115V
switch pos.
230V
Vout range
Output
Output voltage
• preset
DC 24-28V adj. by front panel potentiometer;
24.5V ±0.5% at rated load
Voltage regulation
stat. <1% Vout
dyn. < ±2% Vout over all
Ripple/Noise
<50mVPP (20MHz bandw., 50 Ω measurem.)
Overvoltage prot. (OVP) <40V
Rated continuous
loading
up to 3A @ 24V /2.6A @ 28V (convection cooling)
depending on built-in orientation, Vin and Tamb;
for details see derating diagram below
Overload behaviour
PULS Overload Design™: No switch-off at
overload/short-circuit, instead: up to 1.5
⋅ Irated.
So you need no oversizing to start awkward
loads.
Protection
Unit is protected against (also permanent) short-
circuit, overload and open-circuit.
Derating
see diagram below
Power back immunity
max. 35V
Operating indicator
Green LED
Environmental Data, EMC, Safety
Ambient temperature range (measured 25mm below unit)
• storage/transport
• operation
-25°C ... +85°C
-10°C ... +70°C (for derating see diagram below)
Humidity
max. 95% (without condensation)
Electromagnetic
emissions (EME)
EN 61000-6-3 (includes EN 61000-6-4)
Class B (EN 55011, EN 55022)
Electromagnetic
immunity (EMI)
EN 61000-6-2 (includes EN 61000-6-1)
Safe low voltage:
Prot. class/degree:
SELV (EN 60950, VDE0100/T.410), PELV (EN 50178)
Class I (EN 60950) / IP20 (EN 60529)
The PSU complies with all major safety approvals for EU
(EN 60 950, EN 60204-1, EN 50178), USA (UL 60950, UL508 LISTED),
Canada (CAN/CSA-C22.2 No 60950 [CUR], CAN/CSA-C22.2 No. 14 [CUL]),
CB Scheme (IEC 60950). NEC Class 2 Power Supply
Design details – for your advantage:
• All terminals are easy to reach as mounted on the front panel.
• Input and output are strictly apart from each other (input below, out-
put above) and so cannot be mixed up
• Mounting and connection do not require any screwdriver
→ Easy, quick, durable and reliable installation
Technical Data ML70.100
Product information (ML70e100), Rev: 1. December 2004. Unless otherwise stated, specifications are valid for AC 230V input voltage, +25°C ambient temperature, and 5 min. run-in time.
They are subject to change without prior notice..
PULS GmbH, Arabellastraße 15, D-81925 München
Tel: +49.(0)89.9278-244, Fax: +49.(0)89.9278-199, E-Mail: sales@puls-power.com
www.puls-power.com
Sp
rin
g C
lam
ps



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com